Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCDA03 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # LCDA03
Description  TVS ARRAY SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

LCDA03 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  LCDA03 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD LCDA03 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD LCDA03 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD LCDA03 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N0284, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
LCDA03
THRU
LCDA36
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Electrical Characteristics@25°C
Part Number
Stand-off
Voltage
Vwm
(V)
Max
Breakdown
Voltage
VBR
@1mA
(V)
Min
Clamping
Voltage
Vc
@ 1 A
(V)
Max
Leakage
Current
IR
@ Vwm
(uA)
Max
Capacitance
(f = 1MHz)
C
@ 0V
(pF)
Max
Temperature
Coefficient of
VBR
a(VBR)
mv/°C
Max
LCDA03
3.3
4
7
200
5
-5
LCDA05
5.0
6
9.8
20
5
1
LCDA12
12.0
13.3
19
1
5
8
LCDA15
15.0
16.7
24
1
5
11
LCDA24
24.0
26.7
43
1
5
28
LCDA36
36.0
40
60
1
5
-
Ratings and Characteristics Curves
Ordering Information
Marking Diagram
Device
Package
Shipping
LCDA03
THRU
LCDA36
SO-8 (Pb-Free)
2500pcs / reel
LCDA03TR
THRU
LCDA36TR
SO-8 (Pb-Free)
2500pcs / reel
Where XXXXX is YYWWL
LCDA03 = Part Name
S
= S
YY
= Year
WW
= Weak
L
= Lot Number



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com