Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S20V42AUTOS5D1 Datasheet(PDF) 2 Page - EPCOS

Part # S20V42AUTOS5D1
Description  Automotive Series for 42-V Supply Systems Leaded Varistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S20V42AUTOS5D1 Datasheet(HTML) 2 Page - EPCOS

  S20V42AUTOS5D1 Datasheet HTML 1Page - EPCOS S20V42AUTOS5D1 Datasheet HTML 2Page - EPCOS S20V42AUTOS5D1 Datasheet HTML 3Page - EPCOS S20V42AUTOS5D1 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
198 04/02
Automotive Series for 42-V Supply Systems
Leaded Varistors
Note:
1) Root-mean-square value of max. DC operating voltage incl. ripple content
2) Peak value of max. DC operating voltage incl. ripple content
3) Max. dynamic overvoltage as per ISO/TC22 WD24V-1E, ts £ 400 ms
1) Measured in load direction
Maximum ratings (TA = 125 °C)
Type
(untaped)
SIOV-
Ordering code
Vrms-op, max1)
VDC
Vop, max2)
VDC
Vmax, dyn3)
VDC
Wmax
(2 ms)
J
Pmax
W
42-V supply systems
S07V42AUTOS2D1
B72207S1390K201
48
50
58
3,0
0,02
S10V42AUTOS5D1
B72210S1390K501
48
50
58
6,4
0,05
S14V42AUTOS5D1
B72214S1390K501
48
50
58
13,0
0,10
S20V42AUTOS5D1
B72220S1390K501
48
50
58
37,0
0,20
Characteristics (TA = 25 °C)
Type
(untaped)
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage Ctyp
(1 kHz)
nF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
42-V supply systems
S07V42AUTOS2D1
62
± 10
125
2,5
0,97
246
286
S10V42AUTOS5D1
62
± 10
125
5,0
2,20
248
286
S14V42AUTOS5D1
62
± 10
125
10,0
3,80
249
286
S20V42AUTOS5D1
62
± 10
125
20,0
7,30
251
286
Characteristics
Test methods
Specifications
Fast temperature cycling
IEC 60068-2-14, test Na,
UCT/LCT, dwell time 15 min
1000 cycles
|
DV/V (1 mA)| £ 10 %
No visible damage
Damp heat, steady state
Based on IEC 60068-2-3,
85
°C, 85 % r.h., V
DC, 1000 h
|
DV/V (1 mA)|1) £ 10 %
No visible damage
Max. DC operating voltage
MIL STD 202F, method 108A,
UCT, VDC, 1000 h
|
DV/V (1 mA)|1) £ 10 %
No visible damage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com