Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S20V42AUTOS5D1 Datasheet(PDF) 3 Page - EPCOS

Part # S20V42AUTOS5D1
Description  Automotive Series for 42-V Supply Systems Leaded Varistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S20V42AUTOS5D1 Datasheet(HTML) 3 Page - EPCOS

  S20V42AUTOS5D1 Datasheet HTML 1Page - EPCOS S20V42AUTOS5D1 Datasheet HTML 2Page - EPCOS S20V42AUTOS5D1 Datasheet HTML 3Page - EPCOS S20V42AUTOS5D1 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
199 04/02
Typical marking (schematic representation)
For crimp styles S2 and S5 see page 212
Dimensions
Type
SIOV-
± 1
mm
a
± 1
mm
bmax
mm
smax
mm
hmax
mm
Imin
mm
d
± 0,05
mm
S07V42AUTOS2D1
5,0
1,7
9,0
4,1
12,0
30,0
0,6
S10V42AUTOS5D1
7,5
2,0
12,0
4,8
15,5
30,0
0,8
S14V42AUTOS5D1
7,5
2,1
16,0
4,9
20,0
30,0
0,8
S20V42AUTOS5D1
10,0
2,3
22,0
5,5
27,0
30,0
1,0
Weight
Size
approx.
S07
0,5 g
S10
1,0 g
S14
2,5 g
S20
5,0 g
VAR0408-C
ød
bs
a
e
Bottom view
e
1)
1) Seating plane according to IEC 60717
VAR0553-D
b
ød
s
e
a
VAR0545-M
b
ød
e
s
a
1)
1) Seating plane in accordance with IEC 60717
S10, S14, S20V42AUTOS5D1
S07V42AUTOS2D1
VAR0538-D
S20
V42
AUTO
yyww
VAR0546-U
yyww
AUTO
V42
Date of manufacture
yy
ww
Year
Week
Automotive Series for 42-V Supply Systems
Leaded Varistors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com