Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LVC02A Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LVC02A
Description  SN74LVC02A Quadruple 2-Input Positive-NOR Gates
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LVC02A Datasheet(HTML) 24 Page - Texas Instruments

Back Button SN54LVC02A Datasheet HTML 20Page - Texas Instruments SN54LVC02A Datasheet HTML 21Page - Texas Instruments SN54LVC02A Datasheet HTML 22Page - Texas Instruments SN54LVC02A Datasheet HTML 23Page - Texas Instruments SN54LVC02A Datasheet HTML 24Page - Texas Instruments SN54LVC02A Datasheet HTML 25Page - Texas Instruments SN54LVC02A Datasheet HTML 26Page - Texas Instruments SN54LVC02A Datasheet HTML 27Page - Texas Instruments SN54LVC02A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271)
.
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
EXAMPLE BOARD LAYOUT
4224636/A 11/2018
www.ti.com
WQFN - 0.8 mm max height
BQA0014A
PLASTIC QUAD FLAT PACK-NO LEAD
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 20X
(1)
(1.5)
2X (0.5)
8X (0.5)
(2)
2X (0.5)
14X (0.25)
14X (0.6)
(2.3)
(2.8)
(Ø0.2) VIA
TYP
(R0.05) TYP
1
2
6
7
8
9
13
14
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED METAL
EXPOSED METAL
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com