Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC02A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC02A
Description  SN74LVC02A Quadruple 2-Input Positive-NOR Gates
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC02A Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC02A Datasheet HTML 1Page - Texas Instruments SN74LVC02A Datasheet HTML 2Page - Texas Instruments SN74LVC02A Datasheet HTML 3Page - Texas Instruments SN74LVC02A Datasheet HTML 4Page - Texas Instruments SN74LVC02A Datasheet HTML 5Page - Texas Instruments SN74LVC02A Datasheet HTML 6Page - Texas Instruments SN74LVC02A Datasheet HTML 7Page - Texas Instruments SN74LVC02A Datasheet HTML 8Page - Texas Instruments SN74LVC02A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3 Pin Configuration and Functions
1A
1Y
1B
2Y
2A
2B
GND
4Y
V
CC
4B
4A
3Y
3B
3A
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Figure 3-1. SN54LVC02A J or W Package, 14-Pin
(Top View)
SN74LVC02A D, DB, NS, or PW Package, 14-Pin
SOIC, SSOP, SOP or TSSOP (Top View)
1A
1B
2Y
2A
2B
GND
4Y
4B
4A
3Y
3B
3A
PAD
1Y
V
CC
2
3
4
5
6
7
13
12
11
10
9
8
1
14
Figure 3-2. SN74LVC02A RGY or BQA Package, 14-
Pin VQFN or WQFN (Top View)
4
5
6
7
8
3
2
1
20
19
18
17
16
15
14
9
10 11 12 13
1B
NC
2Y
NC
2A
1A 1Y NC V
CC 4Y
2B GND NC 3A 3B
4B
NC
4A
NC
3Y
Figure 3-3. SN54LVC02A FK Package, 20-Pin (Top View)
Table 3-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
SN74LVC02A
SN54LVC02A
D, DB, NS, PW, RGY,
BQA
J, W
FK
1Y
1
1
2
O
1Y Output
1A
2
2
3
I
1A Input
1B
3
3
4
I
1B Input
2Y
4
4
6
O
2Y Output
2A
5
5
8
I
2A Input
2B
6
6
9
I
2B Input
GND
7
7
10
—
Ground Pin
3A
8
8
12
I
3A Input
3B
9
9
13
I
3B Input
3Y
10
20
14
O
3Y Output
4A
11
11
16
I
4A Input
4B
12
12
18
I
4B Input
4Y
13
13
19
O
4Y Output
VCC
14
14
20
—
Power Pin
NC
—
—
1, 5, 7,
11, 15, 17
—
No Connection
(1)
I = input, O = output
www.ti.com
SN54LVC02A, SN74LVC02A
SCAS280R – JANUARY 1993 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN54LVC02A SN74LVC02A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com