Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC02A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC02A
Description  SN74LVC02A Quadruple 2-Input Positive-NOR Gates
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC02A Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC02A Datasheet HTML 1Page - Texas Instruments SN74LVC02A Datasheet HTML 2Page - Texas Instruments SN74LVC02A Datasheet HTML 3Page - Texas Instruments SN74LVC02A Datasheet HTML 4Page - Texas Instruments SN74LVC02A Datasheet HTML 5Page - Texas Instruments SN74LVC02A Datasheet HTML 6Page - Texas Instruments SN74LVC02A Datasheet HTML 7Page - Texas Instruments SN74LVC02A Datasheet HTML 8Page - Texas Instruments SN74LVC02A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
SN74LVC02A Quadruple 2-Input Positive-NOR Gates
1 Features
• Operate from 1.65V to 3.6V
• Specified from –40°C to 85°C,
–40°C to 125°C, and –55°C to 125°C
• Inputs accept voltages to 5.5V
• Max tpd of 4.4ns at 3.3V
• Typical VOLP (output ground bounce)
<0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot)
>2V at VCC = 3.3V, TA = 25°C
• Latch-up performance exceeds 250mA per JESD
17
2 Description
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.
The device performs the Boolean function Y = A + B
or Y = A
⋅ B in positive logic.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of this device as a
translator in a mixed 3.3V/5V system environment.
Device Information
PART NUMBER
PACKAGE SIZE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
SNx4LVC02A
BQA (WQFN, 14)
3mm × 2.5mm
3mm × 2.5mm
D (SOIC, 14)
8.65mm × 6mm
8.65mm × 3.9mm
DB (SSOP, 14)
6.2mm × 7.8mm
6.2mm × 5.3mm
NS (SOP, 14)
10.2mm × 7.8mm
10.3mm × 5.3mm
PW (TSSOP, 14)
5mm × 6.4mm
5mm × 4.4mm
RGY (VQFN, 14)
3.5mm × 3.5mm
3.5mm × 3.5mm
FK (LCCC, 20)
8.9mm x 8.9mm
8.89mm × 8.89mm
J (CDIP, 14)
19.55mm x 7.9mm 19.55mm x 6.7mm
W (CFP, 14)
9.21mm x 9mm
9.21mm x 6.28mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Logic Diagram, Each Gate (Positive Logic)
SN54LVC02A, SN74LVC02A
SCAS280R – JANUARY 1993 – REVISED MARCH 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC02A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC02A TI-SN74LVC02A Datasheet
124Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74LVC02A TI1-SN74LVC02A Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74LVC02A TI1-SN74LVC02A Datasheet
1Mb / 21P
SN74LVC02A-Q1 Automotive Quadruple 2-Input Positive-NOR Gate
MARCH 2024
SN74LVC02A TI2-SN74LVC02A Datasheet
3Mb / 42P
SNx4LVC02A Quadruple 2-Input Positive-NOR Gates
REVISED DECEMBER 2024
SN74LVC02A-EP TI1-SN74LVC02A-EP Datasheet
473Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - SN74LVC02A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54L02 TI-SN54L02 Datasheet
310Kb / 6P
Quadruple 2-input positive-nor gates
CD54AC02 TI-CD54AC02 Datasheet
480Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02_07 Datasheet
661Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com