Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS2007
Description  3W filter-free Class D audio power amplifer with 6-12dB fixed gain select
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS2007 Datasheet HTML 13Page - STMicroelectronics TS2007 Datasheet HTML 14Page - STMicroelectronics TS2007 Datasheet HTML 15Page - STMicroelectronics TS2007 Datasheet HTML 16Page - STMicroelectronics TS2007 Datasheet HTML 17Page - STMicroelectronics TS2007 Datasheet HTML 18Page - STMicroelectronics TS2007 Datasheet HTML 19Page - STMicroelectronics TS2007 Datasheet HTML 20Page - STMicroelectronics TS2007 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
TS2007
Electrical characteristics
17/29
Figure 22.
CMRR vs. frequency
Figure 23.
CMRR vs. frequency
100
1k
10k
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=2.4, 3, 3.6, 4.2, 5V
20k
20
ΔVicm=200mVpp, G=6dB
R
L=
8
Ω +15μH, C
IN
=1
μF, T
AMB
=25°C
Frequency (Hz)
100
1k
10k
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=2.4, 3, 3.6, 4.2, 5V
20k
20
ΔVicm=200mVpp, G=6dB
R
L=
8
Ω +30μH, C
IN
=1
μF, T
AMB
=25°C
Frequency (Hz)
Figure 24.
Gain vs. frequency
Figure 25.
Gain vs. frequency
100
1k
10k
0
2
4
6
8
RL=4
Ω +30μH
RL=4
Ω +15μH
RL=8
Ω +30μH
RL=8
Ω +15μH
no load
Gain = 6dB
Vin = 500 mVpp
T
AMB
= 25
°C
Frequency (Hz)
20
20k
100
1k
10k
6
8
10
12
14
RL=4
Ω +30μH
RL=4
Ω +15μH
RL=8
Ω +30μH
RL=8
Ω +15μH
no load
Gain = 12dB
Vin = 500 mVpp
T
AMB
= 25
°C
Frequency (Hz)
20
20k
Figure 26.
THD+N vs. output power
Figure 27.
THD+N vs. output power
1E-3
0.01
0.1
1
0.1
1
10
3
Vcc=3.6V
Vcc=5V
Vcc=2.4V
RL = 4
Ω + 15μH
F = 1kHz
G = 6dB
BW < 30kHz
Tamb = 25
°C
Output Power (W)
1E-3
0.01
0.1
1
0.1
1
10
3
Vcc=3.6V
Vcc=5V
Vcc=2.4V
RL = 4
Ω + 30μH
F = 1kHz
G = 6dB
BW < 30kHz
Tamb = 25
°C
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com