Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS2007
Description  3W filter-free Class D audio power amplifer with 6-12dB fixed gain select
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS2007 Datasheet HTML 19Page - STMicroelectronics TS2007 Datasheet HTML 20Page - STMicroelectronics TS2007 Datasheet HTML 21Page - STMicroelectronics TS2007 Datasheet HTML 22Page - STMicroelectronics TS2007 Datasheet HTML 23Page - STMicroelectronics TS2007 Datasheet HTML 24Page - STMicroelectronics TS2007 Datasheet HTML 25Page - STMicroelectronics TS2007 Datasheet HTML 26Page - STMicroelectronics TS2007 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
TS2007
Application information
23/29
So, for a desired cut-off frequency FCL we can calculate Cin:
with FCL in Hz, Zin in Ω and Cin in F.
The input impedance Zin is for the whole power supply voltage range, typically 75kΩ . There
is also a tolerance around the typical value (see Table 5 to Table 9). With regard to the
tolerance, you can also calculate tolerance of the FCL:
●
●
4.5
Decoupling of the circuit
A power supply capacitor, referred to as CS, is needed to correctly bypass the TS2007.
The TS2007 has a typical switching frequency of 280kHz and output fall and rise time about
5ns. Due to these very fast transients, careful decoupling is mandatory.
A 1µF ceramic capacitor is enough, but it must be located very close to the TS2007 in order
to avoid any extra parasitic inductance created by a long track wire. Parasitic loop
inductance, in relation with di/dt, introduces overvoltage that decreases the global efficiency
of the device and may cause, if this parasitic inductance is too high, a TS2007 breakdown.
In addition, even if a ceramic capacitor has an adequate high frequency ESR value, its
current capability is also important. A 0603 size is a good compromise, particularly when a
4
Ω load is used.
Another important parameter is the rated voltage of the capacitor. A 1µF/6.3V capacitor
used at 5V, loses about 50% of its value. With a power supply voltage of 5V, the decoupling
value, instead of 1µF, could be reduced to 0.5µF. As CS has particular influence on the
THD+N in the medium to high frequency region, this capacitor variation becomes decisive.
In addition, less decoupling means higher overshoots which can be problematic if they reach
the power supply AMR value (6V).
4.6
Wake-up time (twu)
When the standby is released to set the device ON, there is a wait of 5ms typically. The
TS2007 has an internal digital delay that mutes the outputs and releases them after this
time in order to avoid any pop noise.
Note:
The gain increases smoothly (see Figure 49) from the mute to the gain selected by the GS
pin (Section 4.2).
F
CL
1
2
π Z
in
C
in
⋅⋅
⋅
--------------------------------------------
=
C
in
1
2
π Z
in
F
CL
⋅⋅
⋅
----------------------------------------------
=
F
CLmax
1.103
F
CL
⋅
=
F
CLmin
0.915
F
CL
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com