Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007IQT Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS2007IQT
Description  3W filter-free Class D audio power amplifer with 6-12dB fixed gain select
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007IQT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS2007IQT Datasheet HTML 10Page - STMicroelectronics TS2007IQT Datasheet HTML 11Page - STMicroelectronics TS2007IQT Datasheet HTML 12Page - STMicroelectronics TS2007IQT Datasheet HTML 13Page - STMicroelectronics TS2007IQT Datasheet HTML 14Page - STMicroelectronics TS2007IQT Datasheet HTML 15Page - STMicroelectronics TS2007IQT Datasheet HTML 16Page - STMicroelectronics TS2007IQT Datasheet HTML 17Page - STMicroelectronics TS2007IQT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Electrical characteristics
TS2007
14/29
Figure 4.
Current consumption vs. power
supply voltage
Figure 5.
Current consumption vs. standby
voltage
234
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
AMB
=25°C
No Loads
Power Supply Voltage (V)
01
23
45
0.0
0.5
1.0
1.5
2.0
2.5
V
CC
=3.6V
V
CC
=5V
No Load
T
AMB
=25°C
V
CC
=2.4V
Standby Voltage (V)
Figure 6.
Efficiency vs. output power
Figure 7.
Efficiency vs. output power
0.00.1
0.20.3
0.40.5
0.60.7
0.8
0
20
40
60
80
100
0
40
80
120
160
200
Vcc=3V
RL=4
Ω + 15μH
F=1kHz
THD+N
1%
Power
Dissipation
Efficiency
Output Power (W)
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
0
100
200
300
400
500
Vcc=5V
RL=4
Ω + 15μH
F=1kHz
THD+N
1%
Power
Dissipation
Efficiency
Output Power (W)
Figure 8.
Efficiency vs. output power
Figure 9.
Efficiency vs. output power
0.0
0.1
0.2
0.3
0.4
0.5
0
20
40
60
80
100
0
10
20
30
40
50
Vcc=3V
RL=8
Ω + 15μH
F=1kHz
THD+N
1%
Power
Dissipation
Efficiency
Output Power (W)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
20
40
60
80
100
0
25
50
75
100
125
Vcc=5V
RL=8
Ω + 15μH
F=1kHz
THD+N
1%
Power
Dissipation
Efficiency
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com