Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007IQT Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS2007IQT
Description  3W filter-free Class D audio power amplifer with 6-12dB fixed gain select
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007IQT Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS2007IQT Datasheet HTML 21Page - STMicroelectronics TS2007IQT Datasheet HTML 22Page - STMicroelectronics TS2007IQT Datasheet HTML 23Page - STMicroelectronics TS2007IQT Datasheet HTML 24Page - STMicroelectronics TS2007IQT Datasheet HTML 25Page - STMicroelectronics TS2007IQT Datasheet HTML 26Page - STMicroelectronics TS2007IQT Datasheet HTML 27Page - STMicroelectronics TS2007IQT Datasheet HTML 28Page - STMicroelectronics TS2007IQT Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
TS2007
Package information
27/29
Figure 55.
DFN8 package mechanical data
Note:
The DFN8 package has an exposed pad E2 x D2. For enhanced thermal performance, the
exposed pad must be soldered to a copper area on the PCB, acting as a heatsink. This
copper area can be electrically connected to pin7 or left floating.
Ref
Dimensions
Millimeters
Mils
Min
Typ
Max
Min
Typ
Max
A
0.500.600.6519.6
23.6
25.6
A1
0.02
0.05
0.8
1.9
A3
0.22
8.6
b
0.25
0.30
0.35
9.8
11.8
13.8
D
2.85
3.00
3.15
112.2
118.1
124
D2
1.60
1.70
1.80
63
66.9
70.8
E
2.85
3.00
3.15
112.2
118.1
124
E2
1.10
1.20
1.30
43.3
47.2
51.2
e
0.65
25.5
L(1)
1.
The dimension of L is not compliant with JEDEC MO-248 which recommends 0.40mm +/-0.10mm.
0.50
0.55
0.60
19.6
21.6
23.6
ddd
0.08
3.1
SEATING
PLANE
C
D
e
D2
b
12
3
4
8
7
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com