Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8231ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8231ACPZ-R7
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8231ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8231
Rev. 0 | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
NC
2
(IN-AMP –IN) –INA
3
(IN-AMP +IN) +INA
4
NC
11 –VS
12 +VS
10 OUTA (IN-AMP OUT)
9REF
TOP VIEW
(Not to Scale)
AD8231
NC = NO CONNECT
Figure 2. 16-Lead LFCSP (Chip Scale)
Table 6. Pin Function Descriptions
Pin Number
Mnemonic
Description
1
NC
No Connect.
2
−INA
In-Amp Negative Input.
3
+INA
In-Amp Positive Input.
4
NC
No Connect.
5
SDN
Shutdown.
6
+INB
Op Amp Positive Input.
7
−INB
Op Amp Negative Input.
8
OUTB
Op Amp Output.
9
REF
In-Amp Reference Pin. It should be driven with a low impedance. Output is referred to
this pin.
10
OUTA
In-Amp Output.
11
−VS
Negative Power Supply. Connect to ground in single supply applications.
12
+VS
Positive Power Supply.
13
CS
Chip Select. Enables digital logic interface.
14
A0
Gain Setting Bit (LSB).
15
A1
Gain Setting Bit.
16
A2
Gain Setting Bit (MSB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com