Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8231ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8231ACPZ-R7
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8231ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8231
Rev. 0 | Page 13 of 20
PERFORMANCE CURVES VALID FOR BOTH AMPLIFIERS
7
6
5
4
3
2
1
0
2.7
5.9
5.5
5.1
4.7
4.3
3.9
3.5
3.1
VSUPPLY (V)
+125°C
+85°C
+25°C
–40°C
Figure 27. Supply Current vs. Supply Voltage
3.0
0
0.5
1.0
1.5
2.0
2.5
02
20
15
10
5
OUTPUT CURRENT (mA)
5
–40°C SOURCE
+25°C SOURCE
+85°C SOURCE
+125°C SOURCE
–40°C SINK
+25°C SINK
+85°C SINK
+125°C SINK
Figure 28. Output voltage Swing vs. Output Current, VS = 3 V
5
0
1
2
3
4
02
20
15
10
5
OUTPUT CURRENT (mA)
5
–40°C SOURCE
+25°C SOURCE
+85°C SOURCE
+125°C SOURCE
–40°C SINK
+25°C SINK
+85°C SINK
+125°C SINK
Figure 29. Output Voltage Swing vs. Output Current, VS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com