Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8251ARMZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8251ARMZ-R7
Description  10 MHz, 20 V/關s, G = 1, 2, 4, 8 i CMOS짰 Programmable Gain Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8251ARMZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8251ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8251ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8251ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8251ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8251ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8251ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8251ARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8251ARMZ-R7 Datasheet HTML 21Page - Analog Devices AD8251ARMZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8251
Rev. 0 | Page 18 of 24
POWER SUPPLY REGULATION AND BYPASSING
The AD8251 has high PSRR. However, for optimal performance,
a stable dc voltage should be used to power the instrumentation
amplifier. Noise on the supply pins can adversely affect per-
formance. As in all linear circuits, bypass capacitors must be
used to decouple the amplifier.
Place a 0.1 μF capacitor close to each supply pin. A 10 μF tanta-
lum capacitor can be used farther away from the part (see
Figure 53) and, in most cases, it can be shared by other
precision integrated circuits.
AD8251
+VS
+IN
–IN
LOAD
REF
0.1µF
10µF
0.1µF
10µF
–VS
DGND
VOUT
DGND
A0
A1
WR
Figure 53. Supply Decoupling, REF, and Output Referred to Ground
INPUT BIAS CURRENT RETURN PATH
The AD8251 input bias current must have a return path to its
local analog ground. When the source, such as a thermocouple,
cannot provide a return current path, one should be created
(see Figure 54).
THERMOCOUPLE
+VS
REF
–VS
AD8251
CAPACITIVELY COUPLED
+VS
REF
C
C
–VS
AD8251
TRANSFORMER
+VS
REF
–VS
AD8251
INCORRECT
CAPACITIVELY COUPLED
+VS
REF
C
R
R
C
–VS
AD8251
1
fHIGH-PASS = 2πRC
THERMOCOUPLE
+VS
REF
–VS
10MΩ
AD8251
TRANSFORMER
+VS
REF
–VS
AD8251
CORRECT
Figure 54. Creating an IBIAS Path
INPUT PROTECTION
All terminals of the AD8251 are protected against ESD. Note
that 2.2 kΩ series resistors precede the ESD diodes as shown in
Figure 49. They limit current into the diodes and allow for dc
overload conditions 13 V above the positive supply and 13 V
below the negative supply. An external resistor should be used
in series with each of the inputs to limit current for voltages
greater than 13 V beyond either supply rail. In either scenario,
the AD8251 safely handles a continuous 6 mA current at room
temperature. For applications where the AD8251 encounters
extreme overload voltages, external series resistors and low
leakage diode clamps such as BAV199Ls, FJH1100s, or SP720s
should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com