Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8251ARMZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8251ARMZ-R7
Description  10 MHz, 20 V/關s, G = 1, 2, 4, 8 i CMOS짰 Programmable Gain Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8251ARMZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8251ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8251ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8251ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8251ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8251ARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8251ARMZ-R7 Datasheet HTML 21Page - Analog Devices AD8251ARMZ-R7 Datasheet HTML 22Page - Analog Devices AD8251ARMZ-R7 Datasheet HTML 23Page - Analog Devices AD8251ARMZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8251
Rev. 0 | Page 20 of 24
R
R
AD8251
+15V
+IN
–IN
0.1µF
10µF
10µF
0.1µF
REF
VOUT
–15V
CD
CC
CC
In this example, a 1 nF capacitor and a 49.9 Ω resistor create an
antialiasing filter for the AD7612. The 1 nF capacitor also serves
to store and deliver necessary charge to the switched capacitor
input of the ADC. The 49.9 Ω series resistor reduces the burden
of the 1 nF load from the amplifier and isolates it from the
kickback current injected from the switched capacitor input of
the AD7612. Selecting too small a resistor improves the
correlation between the voltage at the output of the AD8251
and the voltage at the input of the AD7612 but may destabilize
the AD8251. A trade-off must be made between selecting a
resistor small enough to maintain accuracy and large enough to
maintain stability.
0.1μF
0.1μF
1nF
49.9Ω
AD7612
ADR435
+12V
–12V
+5V
+15V
–15V
A0
A1
WR
+IN
–IN
10μF0.1µF
10μF0.1µF
REF
AD8251
DGND
DGND
Figure 56. RFI Suppression
Values of R and CC should be chosen to minimize RFI.
Mismatch between the R × CC at the positive input and the
R × CC at negative input degrades the CMRR of the AD8251.
By using a value of CD that is 10 times larger than the value of
CC, the effect of the mismatch is reduced and performance is
improved.
DRIVING AN ANALOG-TO-DIGITAL CONVERTER
An instrumentation amplifier is often used in front of an
analog-to-digital converter to provide CMRR. Usually,
instrumentation amplifiers require a buffer to drive an ADC.
However, the low output noise, low distortion, and low settle
time of the AD8251 make it an excellent ADC driver.
Figure 57. Driving an ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com