Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC41IP Datasheet(PDF) 10 Page - Microchip Technology

Part # 24LC41IP
Description  1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC41IP Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24LC41IP Datasheet HTML 6Page - Microchip Technology 24LC41IP Datasheet HTML 7Page - Microchip Technology 24LC41IP Datasheet HTML 8Page - Microchip Technology 24LC41IP Datasheet HTML 9Page - Microchip Technology 24LC41IP Datasheet HTML 10Page - Microchip Technology 24LC41IP Datasheet HTML 11Page - Microchip Technology 24LC41IP Datasheet HTML 12Page - Microchip Technology 24LC41IP Datasheet HTML 13Page - Microchip Technology 24LC41IP Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
24LC41
DS21140F-page 10
 2004 Microchip Technology Inc.
5.0
ACKNOWLEDGE POLLING
Acknowledge polling can be done for both the DDC
Monitor Port (when in Bidirectional mode) and the
Microcontroller Access Port.
Since the port will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize but
throughput). Once the Stop condition for a Write
command has been issued from the master, the device
initiates the internally timed write cycle. ACK polling
can be initiated immediately. This involves the master
sending a Start condition followed by the control byte
for a Write command (R/W = 0). If the device is still
busy with the write cycle, then no ACK will be returned.
If the cycle is complete, then the device will return the
ACK and the master can then proceed with the next
read or write command. See Figure 5-1 for the flow
diagram.
FIGURE 5-1:
ACKNOWLEDGE
POLLING FLOW
6.0
WRITE PROTECTION
6.1
DDC Monitor Port
When using the DDC Monitor Port in the Bidirectional
mode, the VCLK/DWP pin operates as the write-protect
control pin. Setting VCLK/DWP high allows normal
write
operations,
while
setting
VCLK/DWP
low
prevents writing to any location in the array. Connecting
the VCLK/DWP pin to VSS would allow the DDC Moni-
tor Port to operate as a serial ROM, although this
configuration would prevent using the device in the
Transmit-only mode.
6.2
Microcontroller Access Port
The Microcontroller Access Port can be used as a
serial ROM when the MWP pin is connected to VCC.
Programming will be inhibited and the entire memory
associated with the Microcontroller Access Port will be
write-protected.
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com