Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC41IP Datasheet(PDF) 13 Page - Microchip Technology

Part # 24LC41IP
Description  1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC41IP Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24LC41IP Datasheet HTML 9Page - Microchip Technology 24LC41IP Datasheet HTML 10Page - Microchip Technology 24LC41IP Datasheet HTML 11Page - Microchip Technology 24LC41IP Datasheet HTML 12Page - Microchip Technology 24LC41IP Datasheet HTML 13Page - Microchip Technology 24LC41IP Datasheet HTML 14Page - Microchip Technology 24LC41IP Datasheet HTML 15Page - Microchip Technology 24LC41IP Datasheet HTML 16Page - Microchip Technology 24LC41IP Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
 2004 Microchip Technology Inc.
DS21140F-page 13
24LC41
8.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 8-1.
TABLE 8-1:
PIN FUNCTION TABLE
8.1
DSDA
This pin is used to transfer addresses and data into and
out of the DDC Monitor Port, when the device is in the
Bidirectional mode. In the Transmit-only mode, which
only allows data to be read from the device, data is also
transferred on the DSDA pin. This pin is an open drain
terminal, therefore the DSDA bus requires a pull-up
resistor to VCC (typical 10K
Ω for 100 kHz, 2 KΩ for
400 kHz).
For normal data transfer in the Bidirectional mode,
DSDA is allowed to change only during DSCL or MSDA
low. Changes during DSCL high are reserved for
indicating the Start and Stop conditions.
8.2
DSCL
This pin is the clock input for the DDC Monitor Port
while in the Bidirectional mode, and is used to synchro-
nize data transfer to and from the device. It is also used
as the signaling input to switch the device from the
Transmit-only mode to the Bidirectional mode. It must
remain high for the chip to continue operation in the
Transmit-only mode.
8.3
VCLK/DWP
This pin is the clock input for the DDC Monitor Port
while in the Transmit-only mode. In the Transmit-only
mode, each bit is clocked out on the rising edge of this
signal. In the Bidirectional mode, a high logic level is
required on this pin to enable write capability.
8.4
MSCL
This pin is the clock input for the Microcontroller Access
Port, and is used to synchronize data transfer to and
from the device.
8.5
MSDA
This pin is used to transfer addresses and data into and
out of the Microcontroller Access Port. This pin is an
open drain terminal, therefore the MSDA bus requires
a pull-up resistor to VCC (typical 10K
Ω for 100 kHz,
2K
Ω for 400 kHz).
MSDA is allowed to change only during MSCL low.
Changes during MSCL high are reserved for indicating
the Start and Stop conditions.
8.6
MWP
This pin is used to write-protect the 4K memory array
for the Microcontroller Access Port.
This pin must be connected to either VSS or VCC.
If tied to Vss, normal memory operation is enabled
(read/write the entire memory).
If tied to VCC, Write operations are inhibited. The entire
memory will be write-protected. Read operations are
not affected.
Name
Function
DSCL
Serial Clock for DDC Bidirectional
mode (DDC2)
DSDA
Serial Address and Data I/O
(DDC Bus)
VCLK/DWP
Serial Clock for DDC Transmit-only
mode (DDC1)/Write-Protect
MSCL
Serial clock for 4 Kbit MCU port
MSDA
Serial Address and Data I/O for
4 Kbit MCU port
MWP
Hardware write-protect for 4 Kbit
MCU port
VSS
Ground
VCC
+2.5V to +5.5V power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com