Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8538AUJZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8538AUJZ-R2
Description  Low Power, Precision, Auto-Zero Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8538AUJZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8538AUJZ-R2 Datasheet HTML 4Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 5Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 6Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 7Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 9Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 10Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 11Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8538/AD8539
Rev. A | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
AD8538 CHARACTERISTICS
AD8538 only, V = 5 V or ±2.5 V, unless otherwise noted.
SY
700
0
100
200
300
400
500
600
25
45
65
85
105
125
TEMPERATURE (°C)
VSY = 5V AND 2.7V
450
0
–10.0
INPUT OFFSET VOLTAGE (µV)
50
100
150
200
250
300
350
400
VSY = 5V
0V < VCM < 5V
TA = 25°C
–8.4 –6.8 –5.2 –3.6 –2.0 –0.4 1.2 2.8 4.4 6.0 7.6 9.2
Figure 5. AD8538 Input Offset Voltage Distribution
Figure 8. AD8538 Input Bias Current vs. Temperature
14
0
0
0.096
TCVOS (µV/°C)
2
4
6
8
10
12
0.012 0.024 0.036 0.048 0.060 0.072 0.084
VSY = 5V
–40°C < TA < +125°C
160
0
05
SUPPLY VOLTAGE (V)
20
40
60
80
100
120
140
1
234
TA = 25°C
Figure 9. AD8538 Supply Current vs. Supply Voltage
Figure 6. AD8538 Input Offset Voltage Drift Distribution
10
–10
05
INPUT COMMON-MODE VOLTAGE (V)
–8
–6
–4
–2
0
2
4
6
8
1
234
VSY = 5V
TA = 25°C
200
0
50
100
150
–40
10
60
110
TEMPERATURE (°C)
VSY = 5V
VSY = 2.7V
Figure 7. AD8538 Input Offset Voltage vs. Input Common-Mode Voltage
Figure 10. AD8538 Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com