Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8538AUJZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8538AUJZ-R2
Description  Low Power, Precision, Auto-Zero Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8538AUJZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8538AUJZ-R2 Datasheet HTML 13Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 14Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 15Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 16Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 17Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 18Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 19Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 20Page - Analog Devices AD8538AUJZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8538/AD8539
Rev. A | Page 17 of 24
INPUT VOLTAGE
OUTPUT
VOLTAGE
AD8539
VSY = ±2.5V
AV = 1
RL = 10kΩ
TIME (200µs/DIV)
1k
100
10
100
1k
10k
100k
FREQUENCY (Hz)
AD8539
VSY = ±2.5V
Figure 52. AD8539 Voltage Noise Density
Figure 54. AD8539 No Phase Reversal
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–5
–4
–3
–2
–1
0
1
2
3
4
5
TIME (1s/DIV)
AD8539
VSY = 5V
AV = 1M
0
–20
–40
100
1k
10k
100k
FREQUENCY (Hz)
–60
–80
–100
–120
–140
–160
AD8539
VSY = ±2.5V
Figure 55. AD8539 Channel Separation vs. Frequency
Figure 53. AD8539 0.1 Hz to 10 Hz Input Voltage Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com