Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1AD8539ARMZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # 1AD8539ARMZ-R2
Description  Low Power, Precision, Auto-Zero Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

1AD8539ARMZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button 1AD8539ARMZ-R2 Datasheet HTML 5Page - Analog Devices 1AD8539ARMZ-R2 Datasheet HTML 6Page - Analog Devices 1AD8539ARMZ-R2 Datasheet HTML 7Page - Analog Devices 1AD8539ARMZ-R2 Datasheet HTML 8Page - Analog Devices 1AD8539ARMZ-R2 Datasheet HTML 9Page - Analog Devices 1AD8539ARMZ-R2 Datasheet HTML 10Page - Analog Devices 1AD8539ARMZ-R2 Datasheet HTML 11Page - Analog Devices 1AD8539ARMZ-R2 Datasheet HTML 12Page - Analog Devices 1AD8539ARMZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8538/AD8539
Rev. A | Page 9 of 24
70
–20
–10
0
10
30
40
50
60
20
–45
0
45
90
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = ±2.5V AND ±1.35V
RL = 100kΩ
CL = 20pF
135
ФM
10000
0.01
0.1
1
10
100
1000
0.001
10
1
0.1
0.01
LOAD CURRENT (mA)
VSY – VOH
VSY = 5V
TA = 25°C
SOURCE
SINK
VOL
Figure 11. AD8538 Output Saturation Voltage vs. Load Current
Figure 14. AD8538 Open-Loop Gain and Phase vs. Frequency
120
0
100
1M
FREQUENCY (Hz)
20
40
60
80
100
1k
10k
100k
VSY = 5V AND 2.7V
TA = 25°C
35
0
5
10
15
20
25
30
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
VSY – VOH
VSY = 5V
RL = 10kΩ
VOL
Figure 12. AD8538 Output Saturation Voltage vs. Temperature
Figure 15. AD8538 CMRR vs. Frequency
100
0
100
1M
FREQUENCY (Hz)
20
40
60
80
1k
10k
100k
VSY = ±2.5V AND ±1.35V
TA = 25°C
+PSRR
–PSRR
60
–20
1k
10k
100k
1M
FREQUENCY (Hz)
0
20
40
VSY = 5V AND 2.7V
CL = 20pF
RL = 2kΩ
AV = 10
AV = 100
AV = 1
Figure 16. AD8538 PSRR vs. Frequency
Figure 13. AD8538 Closed-Loop Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com