Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1AD8539ARMZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # 1AD8539ARMZ-R2
Description  Low Power, Precision, Auto-Zero Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

1AD8539ARMZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button 1AD8539ARMZ-R2 Datasheet HTML 14Page - Analog Devices 1AD8539ARMZ-R2 Datasheet HTML 15Page - Analog Devices 1AD8539ARMZ-R2 Datasheet HTML 16Page - Analog Devices 1AD8539ARMZ-R2 Datasheet HTML 17Page - Analog Devices 1AD8539ARMZ-R2 Datasheet HTML 18Page - Analog Devices 1AD8539ARMZ-R2 Datasheet HTML 19Page - Analog Devices 1AD8539ARMZ-R2 Datasheet HTML 20Page - Analog Devices 1AD8539ARMZ-R2 Datasheet HTML 21Page - Analog Devices 1AD8539ARMZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8538/AD8539
Rev. A | Page 18 of 24
V = 2.7 V or ±1.35 V, T = 25°C, AD8539 only, unless otherwise noted.
S
A
–10 –9 –8 –7 –6 –5 –4 –3 –2 –1 0 1 2 3 4 5 6 7 8 9 10
VOS
350
300
250
200
150
100
50
0
AD8539
VSY = 2.7V
0V < VCM < 2.7V
TA = 25°C
–40 –25
–10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
35
30
25
20
15
10
5
0
AD8539
VSY = 2.7V
VDD – VOH, RL = 10kΩ
VDD – VOH, RL = 100kΩ
VOL, RL = 10kΩ
VOL, RL = 100kΩ
Figure 56. AD8539 Input Offset Voltage Distribution
Figure 59. AD8539 Output Saturation Voltage vs. Temperature
0
0.016
0.032
0.048
0.064
0.080
0.096
TCVOS (µV)
45
40
35
30
25
20
15
10
5
0
AD8539
VSY = ±1.35V
–40°C < TA < +125°C
60
70
80
50
40
30
20
10
0
1
10
100
1k
CAPACITANCE (pF)
OS+
AD8539
VSY = ±1.35V
RL = 2kΩ
OS–
Figure 57. AD8539 Input Offset Voltage Drift Distribution
Figure 60. AD8539 Small Signal Overshoot vs. Load Capacitance
TIME (4µs/DIV)
AD8539
VSY = ±1.35V
AV = 1
CL = 300pF
RL = 10kΩ
20
15
10
5
0
–5
–10
–15
–20
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
VCM (V)
AD8539
VSY = 2.7V
0V < VCM < 2.7V
TA = 25°C
Figure 61. AD8539 Large Signal Transient Response
Figure 58. AD8539 Input Offset Voltage vs. Input Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com