Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9745BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9745BCPZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9745BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9745BCPZ Datasheet HTML 9Page - Analog Devices AD9745BCPZ Datasheet HTML 10Page - Analog Devices AD9745BCPZ Datasheet HTML 11Page - Analog Devices AD9745BCPZ Datasheet HTML 12Page - Analog Devices AD9745BCPZ Datasheet HTML 13Page - Analog Devices AD9745BCPZ Datasheet HTML 14Page - Analog Devices AD9745BCPZ Datasheet HTML 15Page - Analog Devices AD9745BCPZ Datasheet HTML 16Page - Analog Devices AD9745BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 13 of 28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CVDD18
CVSS
CLKP
CLKN
CVSS
CVDD18
DVSS
DVDD18
P1D15
P1D14
P1D13
P1D12
P1D11
P1D10
P1D9
P1D8
17
P1D7
18
P1D6
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
FSADJ
RESET
CSB
SCLK
SDIO
SDO
DVSS
DVDD18
P2D0
P2D1
P2D2
P2D3
P2D4
P2D5
P2D6
P2D7
P2D8
P2D9
NC = NO CONNECT
PIN 1
INDICATOR
AD9747
(TOP VIEW)
Figure 6. AD9747 Pin Configuration
Table 12. AD9747 Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 6
CVDD18
Clock Supply Voltage (1.8 V).
2, 5
CVSS
Clock Supply Common (0 V).
3
CLKP
Differential DAC Clock Input.
4
CLKN
Complementary Differential DAC Clock Input.
7, 28, 48
DVSS
Digital Supply Common (0 V).
8, 47
DVDD18
Digital Core Supply Voltage (1.8 V).
9 to 24
P1D<15:0>
Port 1 Data Bit Inputs.
25
DCO
Data Clock Output. Use to clock data source.
26, 30
NC
No Connect.
27
DVDD33
Digital I/O Supply Voltage (3.3 V).
29
IQSEL
I/Q Framing Signal for Single-Port Mode Operation.
31 to 46
P2D<15:0>
Port 2 Data Bit Inputs.
49
SDO
Serial Peripheral Interface Data Output.
50
SDIO
Serial Peripheral Interface Data Input and Optional Data Output.
51
SCLK
Serial Peripheral Interface Clock Input.
52
CSB
Serial Peripheral Interface Chip Select Input. Active low.
53
RESET
Hardware Reset. Active high.
54
FSADJ
Full-Scale Current Output Adjust. Connect a 10 kΩ resistor to AVSS.
55
REFIO
Reference Input/Output. Connect a 0.1 μF capacitor to AVSS.
56, 57, 71, 72
AVDD33
Analog Supply Voltage (3.3 V).
58, 61, 64, 67, 70
AVSS
Analog Supply Common (0 V).
59
IOUT2P
DAC2 Current Output. Sources full-scale current when input data bits are all 1.
60
IOUT2N
Complementary DAC2 Current Output. Sources full-scale current when data bits are all 0.
62
AUX2P
Auxiliary DAC2 Default Current Output Pin.
63
AUX2N
Auxiliary DAC2 Optional Output Pin. Enable through SPI.
65
AUX1N
Auxiliary DAC1 Optional Output Pin. Enable through SPI.
66
AUX1P
Auxiliary DAC1 Default Current Output Pin.
68
IOUT1N
Complementary DAC1 Current Output. Sources full-scale current when data bits are all 0.
69
IOUT1P
DAC1 Current Output. Sources full-scale current when data bits are all 1.
EPAD
AVSS
Exposed Thermal Pad. Must be soldered to copper pour on top surface of PCB for mechanical
stability and must be electrically tied to low impedance GND plane for low noise performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com