Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4304-2ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4304-2ACPZ-R7
Description  1:2 Single-Ended, Low Cost, Active RF Splitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4304-2ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4304-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADA4304-2
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 5 V, 75 Ω system, TA = 25°C, unless otherwise noted.
FREQUENCY (MHz)
100
50
1000
–74
–72
–68
–70
–66
–62
–58
–60
–64
–56
–54
TA = +85°C
TA = +25°C
TA = –40°C
Figure 5. Composite Second Order (CSO) vs. Frequency
100
50
1000
FREQUENCY (MHz)
–
90
–
87
–
84
–
81
–
78
–
75
–
72
–
69
–
66
–
63
–
60
TA = +85°C
TA = +25°C
TA = –40°C
Figure 6. Composite Triple Beat (CTB) vs. Frequency
100
50
1000
FREQUENCY (MHz)
–
90
–
87
–
84
–
81
–
78
–
75
–
72
–
69
–
66
–
63
–
60
TA = +85°C
TA = –40°C
TA = +25°C
Figure 7. Cross Modulation (CXM) vs. Frequency
0
2
4
6
8
10
100
50
1000
TA = –40°C
FREQUENCY (MHz)
TA = +25°C
TA = +85°C
50 Ω SYSTEM
Figure 8. Noise Figure vs. Frequency
20
25
30
35
40
45
50
55
60
100
50
1000
FREQUENCY (MHz)
Figure 9. Output IP2 vs. Frequency
0
5
10
15
20
25
30
35
40
100
50
1000
FREQUENCY (MHz)
Figure 10. Output IP3 vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com