Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4304-2ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4304-2ACPZ-R7
Description  1:2 Single-Ended, Low Cost, Active RF Splitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4304-2ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4304-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADA4304-2
Rev. 0 | Page 8 of 12
TEST CIRCUITS
12
10
4
DUT
RF NETWORK ANALYZER
75Ω S-PARAMETER
TEST SET
PORT 2
VIN
PORT 1
VOUT2
PORT 3
VOUT1
75Ω
Figure 17. Test Circuit for S11, S12, S21, S22 Measurements
12
10
4
DUT
RF NETWORK ANALYZER
75Ω S-PARAMETER
TEST SET
PORT 2
VIN
PORT 1
VOUT2
PORT 3
VOUT1
75Ω
Figure 18. Test Circuit for S13, S31, S33 Measurements
12
10
4
DUT
RF NETWORK ANALYZER
75Ω S-PARAMETER
TEST SET
PORT 2
VIN
PORT 1
VOUT2
PORT 3
VOUT1
75Ω
Figure 19. Test Circuit for S23, S32 Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com