Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-K6-2E/233AFZ Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AFZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AFZ Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AFZ Datasheet HTML 17Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 18Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 19Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 20Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 21Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 22Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 23Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 24Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 332 page
background image
Chapter 1
AMD-K6™-2E Processor
3
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Microarchitecture
T h e AMD-K6-2 E pr ocessor’s RISC 86 m i c roarch itec ture i s a decoupled
decode/execution superscalar design that implements state-of-the-art design
techniques to achieve leading-edge performance.
Advanced design techniques implemented in the AMD-K6-2E processor include
multiple x86 instruction decode, single-clock internal RISC operations, ten execution
units that support superscalar operation, out-of-order execution, data forwarding,
speculative execution, and register renaming.
In addition, the processor supports advance d branch prediction logic by
implementing an 8192-entry branch history table, a branch target cache, and a return
address stack, which combine to deliver better than a 95% prediction rate. These
design techniques enable the AMD-K6-2E to issue, execute, and retire multiple x86
ins tructio ns pe r clo ck, res ulting in ex cel le nt s cal able pe rfo rma nce. The
microarchitecture of the AMD-K6-2E processor is more completely described in
“Internal Architecture” on page 7.
3DNow!™ Technology
AMD’s 3DNow! technology is an instruction-set extension to x86, which includes 21
new instructions to accelerate 3D graphics and other single-precision floating-point
compute intensive operations.
Improvements include fast frame rates on high-resolution graphics applications,
superior modeling of real-world environments and physics, life-like images, graphics,
and audio.
AMD has already shipped millions of processors with 3DNow! technology for desktop
and notebook PCs, revolutionizing the 3D experience with up to four times the peak
floating-point performance of previous sixth generation solutions. AMD is now
bringing this advanced capability to embedded systems.
AMD has taken a leadership role in developing these new instructions that enable
exciting new levels of performance and realism. 3DNow! technology was defined and
implemented in collaboration with Microsoft, application developers, and graphics
vendors, and has received an enthusiastic reception. It is compatible with today’s
existing x86 software, is supported by industry-standard APIs, and requires no
operating system support, thereby enabling a broad class of applications to benefit
from 3DNow! technology.
Industry-Standard x86 Architecture
The AMD-K6-2E processor is x86 binary code compatible. AMD’s extensive
experience through six generations of x86 processors has been carefully integrated
into the processor to enable compatibility with Windows®-based operating systems,
including Windows 95, Windows 98, Windows CE, Windows NT®, and Windows NTE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com