Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-K6-2E/233AFZ Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AFZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AFZ Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AFZ Datasheet HTML 35Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 36Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 37Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 38Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 39Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 40Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 41Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 42Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 332 page
background image
Chapter 2
Internal Architecture
21
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Typical applications have up to 10% of unconditional branches
and another 10% to 20% conditional branches. The AMD-K6-2E
processor branch logic has been designed to handle this type of
program behavior and its negative effects on instruction
execution, such as stalls due to delayed instruction fetching and
the draining of the processor pipeline. The branch logic
contains an 8192-entry branch history table, a 16-entry by
16-byte branch target cache, a 16-entry return address stack,
and a branch execution unit.
Branch History Table
The AMD-K6-2E processor handles unconditional branches
without any penalty by redirecting instruction fetching to the
target address of the unc o nditional branch . Howeve r,
conditional branch es re quire the us e of the dy namic
branch-prediction mechanism built into the AMD-K6-2E
processor.
A two-level adaptive history algorithm is implemented in an
8192-entry branch history table. This table stores executed
branch information, predicts individual branches, and predicts
the behavior of groups of branches.
To accommodate the large branch history table, the AMD-K6-2E
processor does not store predicted target addresses. Instead,
the branch target addresses are calculated on-the-fly using
ALUs during the decode stage. The adders calculate all
possible target addresses before the instructions are fully
decoded, and the processor chooses which addresses are valid.
Branch Target Cache
To avoid a one clock cache-fetch penalty when a branch is
predicted taken, a built-in branch target cache supplies the first
16 bytes of instructions directly to the instruction buffer
(assuming the target address hits this cache). (See Figure 3 on
page 14.)
The branch target cache is organized as 16 entries of 16 bytes.
In total, the branch prediction logic achieves branch prediction
rates greater than 95%.
Return Address Stack
The return address stack is a special device designed to
optimize CALL and RET pairs. Software is typically compiled
with subroutines that are frequently called from various places
in a program. This is usually done to save space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com