Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4938-1ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4938-1ACPZ-R7
Description  Ultra-Low Distortion Differential ADC Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4938-1ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4938-1ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Preliminary Technical Data
ADA4938-1
Rev. PrD | Page 5 of 14
SINGLE SUPPLY OPERATION
TA = 25°C, +VS = 5 V, −VS = 0 V, VOCM = +VS/2, RT = 61.9 Ω, RG = RF = 200 Ω, G = 1, RL, dm = 1 kΩ, unless otherwise noted.
All specifications refer to single-ended input and differential outputs, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
±DIN TO ±OUT PERFORMANCE
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VOUT = 0.1 V p-p, Differential Input
1500
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 2 V p-p, Differential Input
125
MHz
Large Signal Bandwidth
VOUT = 2 V p-p, Differential Input
1100
MHz
Slew Rate
VOUT = 2 V p-p
3900
V/μs
Overdrive Recovery Time
VIN = 2.5 V to 0 V step, G = +2
4
ns
NOISE/HARMONIC PERFORMANCE
Second Harmonic
VOUT = 2 V p-p, 10 MHz
−110
dBc
VOUT = 2 V p-p, 50 MHz
−79
dBc
Third Harmonic
VOUT = 2 V p-p, 10 MHz
−100
dBc
VOUT = 2 V p-p, 50 MHz
−79
dBc
IMD
50 MHz
dBc
IP3
50 MHz
dBm
Voltage Noise (RTI)
2.2
nV/√Hz
Noise Figure
G = +2
21
dB
Input Current Noise
2
pA/√Hz
INPUT CHARACTERISTICS
Offset Voltage
VOS, dm = VOUT, dm/2; VDIN+ = VDIN− = VOCM = 2.5 V
1
mV
TMIN to TMAX variation
±4
μV/°C
Input Bias Current
3.5
μA
TMIN to TMAX variation
−0.01
μA/°C
Input Resistance
Differential
6
MΩ
Common mode
3
MΩ
Input Capacitance
1
pF
Input Common-Mode Voltage
0.3 to 3.4
V
CMRR
∆VOUT, dm/∆VIN, cm; ∆VIN, cm = ±1 V
−77
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Maximum ∆VOUT; single-ended output
1.1
3.9
V
Output Current
95
mA
Output Balance Error
∆VOUT, cm/∆VOUT, dm; ∆VOUT, dm = 1 V
−66
dB
VOCM TO ±OUT PERFORMANCE
VOCM DYNAMIC PERFORMANCE
−3 dB Bandwidth
400
MHz
Slew Rate
V = 0.5 V
1700
V/μs
Input Voltage Noise (RTI)
7.5
nV/√Hz
VOCM INPUT CHARACTERISTICS
Input Voltage Range
1.2
3.8
V
Input Resistance
200
kΩ
Input Offset Voltage
VOS, cm = VOUT, cm; VDIN+ = VDIN– = VOCM = 2.5 V
1
mV
Input Bias Current
0.5
μA
VOCM CMRR
∆VOUT, dm/∆VOCM; ∆VOCM = ±1 V
−75
dB
Gain
∆VOUT, cm/∆VOCM; ∆VOCM = ±1 V
1
V/V
POWER SUPPLY
Operating Range
4.5
11
V
Quiescent Current
36
mA
TMIN to TMAX variation
40
μA/°C
Powered down
< 1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com