Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4938-1ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4938-1ACPZ-R7
Description  Ultra-Low Distortion Differential ADC Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4938-1ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4938-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4938-1ACPZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Preliminary Technical Data
ADA4938-1
Rev. PrD | Page 11 of 14
Similar to the case of a conventional op amp, the output noise
voltage densities can be estimated by multiplying the input-
referred terms at +IN and −IN by the appropriate output factor,
where:
()
2
1
N
β
β
G
+
=
2
is the circuit noise gain.
G1
F1
G1
1
R
R
R
β
+
=
and
G2
F2
G2
2
R
R
R
β
+
=
are the feedback factors.
When RF1/RG1 = RF2/RG2, then β1 = β2 = β, and the noise gain
becomes
G
F
N
R
R
β
G
+
=
=
1
1
Note that the output noise from VOCM goes to zero in this case.
The total differential output noise density, vnOD, is the root-sum-
square of the individual output noise terms.
∑
=
=
8
1
i
2
nOi
nOD
v
v
THE IMPACT OF MISMATCHES IN THE FEEDBACK
NETWORKS
As previously mentioned, even if the external feedback networks
(RF/RG) are mismatched, the internal common-mode feedback
loop still forces the outputs to remain balanced. The amplitudes
of the signals at each output remain equal and 180° out of phase.
The input-to-output, differential mode gain varies proportionately
to the feedback mismatch, but the output balance is unaffected.
As well as causing a noise contribution from VOCM, ratio
matching errors in the external resistors result in a degradation
of the ability of the circuit to reject input common-mode signals,
much the same as for a four-resistor difference amplifier made
from a conventional op amp.
In addition, if the dc levels of the input and output common-
mode voltages are different, matching errors result in a small
differential-mode output offset voltage. When G = 1, with a
ground referenced input signal and the output common-mode
level set to 2.5 V, an output offset of as much as 25 mV (1% of
the difference in common-mode levels) can result if 1% tolerance
resistors are used. Resistors of 1% tolerance result in a worst-
case input CMRR of about 40 dB, a worst-case differential-
mode output offset of 25 mV due to 2.5 V level-shift, and no
significant degradation in output balance error.
CALCULATING THE INPUT IMPEDANCE OF AN
APPLICATION CIRCUIT
The effective input impedance of a circuit depends on whether
the amplifier is being driven by a single-ended or differential
signal source. For balanced differential input signals, as shown
in Figure 6, the input impedance (RIN, dm) between the inputs
(+DIN and −DIN) is simply RIN, dm = 2 × RG.
Figure 6. ADA4938-1 Configured for Balanced (Differential) Inputs
For an unbalanced, single-ended input signal (see Figure 7), the
input impedance is
() ⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
+
×
−
=
F
G
F
G
cm
IN
R
R
R
R
R
2
1
,
Figure 7. ADA4938-1 Configured for Unbalanced (Single-Ended) Input
The input impedance of the circuit is effectively higher than it
would be for a conventional op amp connected as an inverter
because a fraction of the differential output voltage appears at
the inputs as a common-mode signal, partially bootstrapping
the voltage across the input resistor RG.
INPUT COMMON-MODE VOLTAGE RANGE IN
SINGLE-SUPPLY APPLICATIONS
The ADA4938-1 is optimized for level-shifting, ground-referenced
input signals. As such, the center of the input common-mode
range is shifted approximately 1 V down from midsupply. For
5 V single-supply operation, the input common-mode range at
the summing nodes of the amplifier is 0.3 V to 3.0 V. To avoid
clipping at the outputs, the voltage swing at the +IN and –IN
terminals must be confined to these ranges.
SETTING THE OUTPUT COMMON-MODE VOLTAGE
The VOCM pin of the ADA4938-1 is internally biased at a voltage
approximately equal to the midsupply point (average value of
the voltages on V+ and V−). Relying on this internal bias results
in an output common-mode voltage that is within about 100 mV of
the expected value.
In cases where more accurate control of the output common-
mode level is required, it is recommended that an external
source, or resistor divider (10 kΩ or greater resistors), be used.
It is also possible to connect the VOCM input to a common-mode
level (CML) output of an ADC. However, care must be taken to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com