Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE207 Datasheet(PDF) 17 Page - Analog Devices

Part # ADATE207
Description  Quad Pin Timing Formatter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE207 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADATE207 Datasheet HTML 13Page - Analog Devices ADATE207 Datasheet HTML 14Page - Analog Devices ADATE207 Datasheet HTML 15Page - Analog Devices ADATE207 Datasheet HTML 16Page - Analog Devices ADATE207 Datasheet HTML 17Page - Analog Devices ADATE207 Datasheet HTML 18Page - Analog Devices ADATE207 Datasheet HTML 19Page - Analog Devices ADATE207 Datasheet HTML 20Page - Analog Devices ADATE207 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
ADATE207
Rev. 0 | Page 17 of 36
TEMPERATURE DIODE
ADATE207
100µA
TDIODE
TEMPERATURE DIODE
FORCE I, MEASURE V
Figure 12. Block Diagram of Temperature Diode
740
600
0
TEMPERATURE (°C)
120
720
700
680
660
640
620
20
40
60
80
100
Figure 13. Characteristic of Temperature Diode
The block diagram of the temperature diode is shown in Figure 12,
and its Output Voltage VS temperature characteristic is shown
in Figure 13. Note in Figure 12 that 100 μA is forced into the diode.
HIGH SPEED DIFFERENTIAL DCL INTERFACE
The ADATE207 uses a differential interface for connections to
the DCL. The comparator inputs have on-chip 50 Ω resistors for
termination, configured to support either 50 Ω parallel termi-
nation or 100 Ω differential termination. The comparator inputs
are compatible with LVPECL, LVDS, and most CML outputs.
For PECL termination, connect the termination pin to VCC − 2.0 V
or to an appropriate resistor to ground. For LVDS termination,
do not connect the termination pin. For CML termination,
either do not connect the termination pin or connect the
termination pin to an appropriate supply.
50Ω
COMP_CH0_P
COMP_CH0_T
COMP_CH0_N
50Ω
DIFFERENTIAL LVPECL INPUT
Figure 14. Differential Input with Termination Resistors
8mA
ADATE207
VOP
VON
50Ω
50Ω
EXTERNAL
TERMINATION
REQUIRED
ESD
ESD
Figure 15. Differential Open Drain Output
The driver outputs are differential open-drain outputs. The
outputs require termination through an external resistor to a
positive supply and can be configured to be compatible with
most PECL, and CML inputs.
Their output currents can be programmed with a bias resistor to
ground on the REF_1K pin. If the REF_1K pin is left open
(>100 kΩ) then the drive current is a nominal 8 mA. If a
resistor is tied from REF_1K to ground, then the drive current
is adjustable with the resistance value. A 1 kΩ resistor yields a
nominal 8 mA output current swing. Less resistance results in
greater current. The relationship of drive current to resistance is
given approximately by
Drive_Current = 8 V/REXT
Best practice suggests limiting the external resistance value
between 800 Ω and 2500 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com