Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE207 Datasheet(PDF) 18 Page - Analog Devices

Part # ADATE207
Description  Quad Pin Timing Formatter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE207 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADATE207 Datasheet HTML 14Page - Analog Devices ADATE207 Datasheet HTML 15Page - Analog Devices ADATE207 Datasheet HTML 16Page - Analog Devices ADATE207 Datasheet HTML 17Page - Analog Devices ADATE207 Datasheet HTML 18Page - Analog Devices ADATE207 Datasheet HTML 19Page - Analog Devices ADATE207 Datasheet HTML 20Page - Analog Devices ADATE207 Datasheet HTML 21Page - Analog Devices ADATE207 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
ADATE207
Rev. 0 | Page 18 of 36
CONTROL AND STATUS REGISTER INTERFACE
The ADATE207 uses a general-purpose, 16-bit bidirectional,
multiplexed address data bus for computer access of the control
and status registers of the part. All bus activity is registered at
the interface synchronous to the master clock (MCLK), which
is also used by the part for delay timing. Operations the bus
supports include random access reads and writes, as well as
the ability to access blocks of registers in burst.
A description of each register is contained in the Control and
Status Registers section of this document.
READ/WRITE FUNCTION
The control and status register (CSR) bus interface supports the
following functionalities:
•
The ability to enable groups of channels for write
operations, allowing simultaneous programming across all
the designated channels.
•
The ability to select any single channel, or group of
channels, to poll (read) status (where the return value is the
bitwise logical OR of the status returned from each of the
designated channels).
•
The ability to read or write in a single burst operation to a
sequential block of registers significantly reducing the time
required to program the internal memories.
In multiplexing the address and data on the bus, each operation
takes at least two cycles to complete. In all cases, read or write,
the first cycle provides the 16-bit address. This cycle is followed
by one or more data cycles. The quantity of data cycles is
dependent on the activity on the CS_AD and CS_RW_B lines,
which determine the type of operation to perform.
The 16-bit address provided in the first cycle is comprised of
two 5-bit address fields and an additional control field of 6-bits
as shown in Table 12. The control field extends the associated
5-bit register address in use by steering the address and data to
one or more banks of registers within the part.
Register address space consists of five identifiable banks or
groups of register implementations. These include one set of
registers for each of the four channels and a fifth or common
register space. Five bits of addressing are available to all five
address spaces. The bank of registers for each channel duplicates
the other in function and address, allowing a single write
operation to be steered to multiple channels for simultaneous
programming. The fifth bank of registers provides shared
functions, common to all four channels, whose address range is
mapped outside of the register address space used by the
individual channel functions.
All single register, random access operations are performed
with the burst bit of the control field disabled. For these types
of transactions, the 5-bit stop address field is ignored, and the
5-bit start address field is used as the register address of the
operation.
Table 12. Address Bus Decoding
Address Bits
Description
Bit 15
Burst Enable.
1 = initiate burst mode operation.
0 = enable normal read or write transactions.
Bit 14
Common Enable. When set to 1, enables reads or writes to the common registers. This enable is valid in
either normal or burst modes.
Bit 13
Channel 3 Enable. When set to 1, enables reads or writes to Channel 3. This enable is valid in either
normal or burst modes.
Bit 12
Channel 2 Enable. When set to 1, enables reads or writes to Channel 2. This enable is valid in either
normal or burst modes.
Bit 11
Channel 1 Enable. When set to 1, enables reads or writes to Channel 1. This enable is valid in either
normal or burst modes.
Bit 10
Channel 0 Enable. When set to 1, enables reads or writes to Channel 0. This enable is valid in either
normal or burst modes.
Bits[09:05]
Burst Stop Address. Used to set the last CSR address to read to, or write from, before looping back to the
burst start address. This address is only valid when burst enable is set to 1.
Bits[04: 00]
CSR Address (Burst Enable = 0). Used to set the CSR address for reading or writing.
Burst Start Address (Burst Enable = 1). Used to set the first CSR address to read to, or write from, when
bursting data. Burst writes or reads incrementally access successive registers up to, and including, the
burst stop address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com