Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3192A Datasheet(PDF) 21 Page - Analog Devices

Part # ADP3192A
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192A Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP3192A Datasheet HTML 17Page - Analog Devices ADP3192A Datasheet HTML 18Page - Analog Devices ADP3192A Datasheet HTML 19Page - Analog Devices ADP3192A Datasheet HTML 20Page - Analog Devices ADP3192A Datasheet HTML 21Page - Analog Devices ADP3192A Datasheet HTML 22Page - Analog Devices ADP3192A Datasheet HTML 23Page - Analog Devices ADP3192A Datasheet HTML 24Page - Analog Devices ADP3192A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ADP3192A
Rev. 0 | Page 21 of 32
It is best to have a dual location for CCS in the layout so that
standard values can be used in parallel to get as close to the
desired value. For best accuracy, CCS should be a 5% or 10%
NPO capacitor. This example uses a 5% combination for CCS
of two 1 nF capacitors in parallel. Recalculating RCS and RPH(X)
using this capacitor combination yields 114 kΩ and 160 kΩ,
respectively. The closest standard 1% value for RPH(X) is 158 kΩ.
INDUCTOR DCR TEMPERATURE CORRECTION
When the inductor DCR is used as the sense element and copper
wire is used as the source of the DCR, the user needs to compen-
sate for temperature changes of the inductor’s winding. Fortunately,
copper has a well-known temperature coefficient (TC) of 0.39%/°C.
If RCS is designed to have an opposite and equal percentage
change in resistance to that of the wire, it cancels the temperature
variation of the inductor DCR. Due to the nonlinear nature of
NTC thermistors, Resistor RCS1 and Resistor RCS2 are needed.
Refer to Figure 11 to linearize the NTC and produce the desired
temperature tracking.
CSSUM
17
CSCOMP
PLACE AS CLOSE AS POSSIBLE
TO NEAREST INDUCTOR
OR LOW-SIDE MOSFET
16
CSREF
15
ADP3192A
CCS1
CCS2
RCS1
RTH
RCS2
KEEP THIS PATH
AS SHORT AS POSSIBLE
AND WELL AWAY FROM
SWITCH NODE LINES
TO
SWITCH
NODES
TO
VOUT
SENSE
RPH1
RPH3
RPH2
Figure 11. Temperature Compensation Circuit Values
The following procedure and equations yield values to use for RCS1,
RCS2, and RTH (the thermistor value at 25°C) for a given RCS value:
1.
Select an NTC based on type and value. Because the value
is unknown, use a thermistor with a value close to RCS. The
NTC should also have an initial tolerance of better than 5%.
2.
Based on the type of NTC, find its relative resistance value at
two temperatures. Temperatures that work well are 50°C and
90°C. These resistance values are called A (RTH(50°C))/RTH(25°C))
and B (RTH(90°C))/RTH(25°C)). The relative value of the NTC is
always 1 at 25°C.
3.
Find the relative value of RCS required for each of these
temperatures. This is based on the percentage change
needed, which in this example is initially 0.39%/°C. These
temperatures are called r1 (1/(1 + TC × (T1 − 25°C))) and
r2 (1/(1 + TC × (T2 − 25°C))), where TC = 0.0039 for copper,
T1 = 50°C, and T2 = 90°C. From this, r1 = 0.9112 and
r2 = 0.7978.
4.
Compute the relative values for RCS1, RCS2, and RTH using
(
)
()
(
)
()
()
(
)
B
A
r
A
B
r
B
A
r
A
B
r
B
A
r
r
B
A
r
2
1
1
2
2
1
CS2
−
−
×
−
×
−
×
−
×
×
−
×
+
×
−
×
−
×
×
−
=
1
1
1
1
(8)
(
)
CS2
1
CS2
CS1
r
r
A
r
A
r
−
−
−
−
=
1
1
1
(9)
CS1
CS2
TH
r
r
r
1
1
1
1
−
−
=
(10)
5.
Calculate RTH = rTH × RCS, then select the closest value of
thermistor available. Also, compute a scaling factor (k)
based on the ratio of the actual thermistor value used
relative to the computed one.
()
()
CALCULATED
TH
ACTUAL
TH
R
R
k =
(11)
6.
Calculate values for RCS1 and RCS2 using Equation 12 and
Equation 13.
CS1
CS
CS1
r
k
R
R
×
×
=
(12)
(
)
(
)
(
)
CS2
CS
CS2
r
k
k
R
R
×
+
−
×
=
1
(13)
In this example, RCS is calculated to be 114 kΩ. Look for an
available 100 kΩ thermistor, 0603 size. One such thermistor
is the Vishay NTHS0603N01N1003JR NTC thermistor with
A = 0.3602 and B = 0.09174. From these values, rCS1 = 0.3795,
rCS2 = 0.7195, and rTH = 1.075.
Solving for RTH yields 122.55 kΩ, so 100 kΩ is chosen, making
k = 0.816. Next, find RCS1 and RCS2 to be 35.3 kΩ and 87.9 kΩ.
Finally, choose the closest 1% resistor value, which yields a
choice of 35.7 kΩ and 88.7 kΩ.
Load Line Setting
For load line values greater than 1 mΩ, RCSA can be set equal
to RO, and the LLSET pin can be directly connected to the
CSCOMP pin. When the load line value needs to be less than
1 mΩ, two additional resistors are required. Figure 12 shows
the placement of these resistors.
CSSUM
CSCOMP
CSREF
ADP3192A
LLSET
14
15
16
17
QLL
OPTIONAL LOAD LINE
SELECT SWITCH
RLL2
RLL1
Figure 12. Load Line Setting Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com