Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR1581ARTZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR1581ARTZ-R2
Description  1.25 V Micropower, Precision Shunt Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1581ARTZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR1581ARTZ-R2 Datasheet HTML 3Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 4Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 5Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 6Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 7Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 8Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 9Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 10Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADR1581
Rev. 0 | Page 7 of 12
1.2488
1.2498
1.2500
1.2502
1.2504
1.2506
1.2508
1.2494
1.2496
1.2490
1.2492
VMAX
VMIN
SLOPE = TC =
(VMAX – VO)
(+85°C – +25°C) × 1.250V × 10–6
SLOPE = TC =
(VMIN – VO)
(–40°C – +25°C) × 1.250V × 10–6
VO
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
600
300
0
500
400
200
100
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
Figure 12. Output Voltage vs. Temperature
Figure 13. Residual Drift Error
REVERSE VOLTAGE HYSTERESIS
For example, the ADR1581BRT initial tolerance is ±1.5 mV;
a ±50 ppm/°C temperature coefficient corresponds to an error
band of ±4.1 mV (50 × 10−6 × 1.250 V × 65°C). Therefore, the
unit is guaranteed to be 1.250 V ± 5.6 mV over the operating
temperature range.
A major requirement for high performance industrial
equipment manufacturers is a consistent output voltage at
nominal temperature following operation over the operating
temperature range. This characteristic is generated by measuring
the difference between the output voltage at +25°C after operating
at +85°C and the output voltage at +25°C after operating at −40°C.
Duplication of these results requires a combination of high
accuracy and stable temperature control in a test system. Evaluation
of the ADR1581 produces curves similar to those in
Figure 14 displays the hysteresis associated with the ADR1581.
This characteristic exists in all references and has been minimized
in the ADR1581.
Figure 4
and Figure 12.
VOLTAGE OUTPUT NONLINEARITY VS.
TEMPERATURE
0
15
20
25
30
35
40
5
10
HYSTERESIS VOLTAGE (µV)
–400
–300
–200
–100
0
100
200
300
400
When a reference is used with data converters, it is important to
understand how temperature drift affects the overall converter
performance. The nonlinearity of the reference output drift
represents additional error that is not easily calibrated out of the
system. The usual way of showing the reference output drift is to
plot the reference voltage vs. temperature (see Figure 12). An
alternative method is to draw a straight line between the
temperature endpoints and measure the deviation of the output
from the straight line. This shows the same data in a different
format. This characteristic (see Figure 13) is generated by
normalizing the measured drift characteristic to the endpoint
average drift. The residual drift error of approximately 500 ppm
shows that the ADR1581 is compatible with systems that require
10-bit accurate temperature performance.
Figure 14. Reverse Voltage Hysteresis Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com