Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR1581ARTZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADR1581ARTZ-R2
Description  1.25 V Micropower, Precision Shunt Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1581ARTZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR1581ARTZ-R2 Datasheet HTML 4Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 5Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 6Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 7Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 8Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 9Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 10Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 11Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADR1581
Rev. 0 | Page 11 of 12
OUTLINE DIMENSIONS
3.04
2.90
2.80
PIN 1
1.40
1.30
1.20
2.64
2.10
1.90 BSC
1
2
3
SEATING
PLANE
1.12
0.89
0.10
0.01
0.50
0.30
0.20
0.08
0.60
0.50
0.40
0.95 BSC
COMPLIANT TO JEDEC STANDARDS TO-236-AB
Figure 26. 3-Lead Small Outline Transistor Package [SOT-23-3]
(RT-3)
Dimensions shown in millimeters
20.20
MIN
1.00 MIN
0.75 MIN
1.10
1.00
0.90
1.50 MIN
7” REEL 100.00
OR
13” REEL 330.00
7” REEL 50.00 MIN
OR
13” REEL 100.00 MIN
DIRECTION OF UNREELING
0.35
0.30
0.25
2.80
2.70
2.60
1.55
1.50
1.45
4.10
4.00
3.90
1.10
1.00
0.90
2.05
2.00
1.95
8.30
8.00
7.70
3.20
3.10
2.90
3.55
3.50
3.45
13.20
13.00
12.80
14.40 MIN
9.90
8.40
6.90
Figure 27. Tape and Reel Dimensions
(RT-3)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com