Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR1581BRTZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADR1581BRTZ-R2
Description  1.25 V Micropower, Precision Shunt Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1581BRTZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADR1581BRTZ-R2 Datasheet HTML 1Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 2Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 3Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 4Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 5Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 6Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 7Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 8Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADR1581
Rev. 0 | Page 3 of 12
SPECIFICATIONS
TA = 25°C, IIN = 100 μA, unless otherwise noted.
Table 1.
ADR1581A
ADR1581B
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
REVERSE VOLTAGE OUTPUT (SOT-23)
1.240
1.250
1.260
1.2485
1.250
1.2515
V
REVERSE VOLTAGE TEMPERATURE DRIFT
−40°C to +85°C
100
50
ppm/°C
MINIMUM OPERATING CURRENT, TMIN to TMAX
60
60
μA
REVERSE VOLTAGE CHANGE WITH REVERSE CURRENT
60 μA < IIN < 10 mA, TMIN to TMAX
2.5
6
2.5
6
mV
60 μA < IIN < 1 mA, TMIN to TMAX
0.8
0.8
mV
DYNAMIC OUTPUT IMPEDANCE (∆VR/ΔIR)
IIN = 1 mA ± 100 μA (f = 120 Hz)
0.4
1
0.4
0.5
Ω
OUTPUT NOISE
RMS Noise Voltage: 10 Hz to 10 kHz
20
20
μV rms
Low Frequency Noise Voltage: 0.1 Hz to 10 Hz
4.5
4.5
μV p-p
TURN-ON SETTLING TIME TO 0.1%1
5
5
μs
OUTPUT VOLTAGE HYSTERESIS2
80
80
μV
TEMPERATURE RANGE
Specified Performance, TMIN to TMAX
−40
+85
−40
+85
°C
Operating Range3
−55
+125
−55
+125
°C
1 Measured with a no load capacitor.
2 Output hysteresis is defined as the change in the +25°C output voltage after a temperature excursion to −40°C, then to +85°C, and back to +25°C.
3 The operating temperature range is defined as the temperature extremes at which the device continues to function. Parts may deviate from their specified
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com