Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR1581BRTZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR1581BRTZ-R2
Description  1.25 V Micropower, Precision Shunt Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1581BRTZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADR1581BRTZ-R2 Datasheet HTML 1Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 2Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 3Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 4Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 5Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 6Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 7Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 8Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADR1581
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Reverse Current
25 mA
Forward Current
20 mA
Internal Power Dissipation1
SOT-23 (RT)
0.3 W
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
ADR1581/RT
−55°C to +125°C
ESD CAUTION
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD Susceptibility2
Human Body Model
4 kV
Machine Model
400 V
1 Specification is for device (SOT-23 package) in free air at 25°C: θJA = 300°C/W.
2 The human body model is a 100 pF capacitor discharged through 1.5 kΩ. For
the machine model, a 200 pF capacitor is discharged directly into the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com