Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMIFPC60LC Datasheet(PDF) 2 Page - Analog Power

Part # AMIFPC60LC
Description  N-Channel 600-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AMIFPC60LC Datasheet(HTML) 2 Page - Analog Power

  AMIFPC60LC Datasheet HTML 1Page - Analog Power AMIFPC60LC Datasheet HTML 2Page - Analog Power AMIFPC60LC Datasheet HTML 3Page - Analog Power AMIFPC60LC Datasheet HTML 4Page - Analog Power AMIFPC60LC Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AMIFPC60LC
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±30 V
±100
nA
VDS = 480 V, VGS = 0 V
1
VDS = 480 V, VGS = 0 V, TJ = 55°C
10
On-State Drain Current
a
ID(on)
VDS = 5 V, VGS = 10 V
40
A
Drain-Source On-Resistance
a
rDS(on)
VGS = 10 V, ID = 15 A
360
mΩ
Forward Transconductance
a
gfs
VDS = 50 V, ID = 15 A
7
S
Diode Forward Voltage
a
VSD
IS = 15 A, VGS = 0 V
0.94
V
Total Gate Charge
Qg
17
Gate-Source Charge
Qgs
5.4
Gate-Drain Charge
Qgd
5.9
Turn-On Delay Time
td(on)
11
Rise Time
tr
11
Turn-Off Delay Time
td(off)
93
Fall Time
tf
44
Input Capacitance
Ciss
706
Output Capacitance
Coss
168
Reverse Transfer Capacitance
Crss
10
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Dynamic
b
ns
nC
VDS = 300 V, RL = 20 Ω,
ID = 15 A,
VGEN = 10 V, RGEN = 6 Ω
VDS = 300 V, VGS = 10 V,
ID = 15 A
Zero Gate Voltage Drain Current
uA
IDSS
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation or
guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or use of any
product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical”
parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and actual performance may vary
over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. APL does not
convey any license under its patent rights nor the rights of others. APL products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure
of the APL product could create a situation where personal injury or death may occur. Should Buyer purchase or use APL products for any such
unintended or unauthorized application, Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
pF
VDS = 50, VGS = 0 V, f = 1 Mhz
Static
Electrical Characteristics
© Preliminary
2
Publication Order Number:
DS_AMIFPC60LC_1A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com