Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMIFPC60LC Datasheet(PDF) 3 Page - Analog Power

Part # AMIFPC60LC
Description  N-Channel 600-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AMIFPC60LC Datasheet(HTML) 3 Page - Analog Power

  AMIFPC60LC Datasheet HTML 1Page - Analog Power AMIFPC60LC Datasheet HTML 2Page - Analog Power AMIFPC60LC Datasheet HTML 3Page - Analog Power AMIFPC60LC Datasheet HTML 4Page - Analog Power AMIFPC60LC Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AMIFPC60LC
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
0
0.2
0.4
0.6
0.8
1
0
5
10
15
ID-Drain Current (A)
4.5V
5.5V,6V,6.5V,7V,8V,10V
5V
0
5
10
15
0
2
4
6
8
VDS - Drain-to-Source Voltage (V)
10V,8V,7V,
6.5V,6V,5.5V
5V
4.5V
0
0.5
1
1.5
2
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
TJ = 25°C
0
5
10
15
0
2
4
6
8
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
10
20
30
40
50
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz
ID = 15A
© Preliminary
3
Publication Order Number:
DS_AMIFPC60LC_1A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com