Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMZ1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PEMZ1
Description  NPN/PNP general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMZ1 Datasheet(HTML) 2 Page - NXP Semiconductors

  PEMZ1 Datasheet HTML 1Page - NXP Semiconductors PEMZ1 Datasheet HTML 2Page - NXP Semiconductors PEMZ1 Datasheet HTML 3Page - NXP Semiconductors PEMZ1 Datasheet HTML 4Page - NXP Semiconductors PEMZ1 Datasheet HTML 5Page - NXP Semiconductors PEMZ1 Datasheet HTML 6Page - NXP Semiconductors PEMZ1 Datasheet HTML 7Page - NXP Semiconductors PEMZ1 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001 Nov 07
2
Philips Semiconductors
Product specification
NPN/PNP general purpose transistors
PEMZ1
FEATURES
• 300 mW total power dissipation
• Very small 1.6 × 1.2 mm ultra thin package
• Self alignment during soldering due to straight leads
• Replaces two SC-75/SC-89 packaged transistors on
same PCB area
• Reduced required PCB area
• Reduced pick and place costs.
APPLICATIONS
• General purpose switching and amplification
• Complementary MOSFET driver for switch mode power
supply
• Complementary driver for audio amplifiers.
DESCRIPTION
NPN/PNP transistor pair in a SOT666 plastic package.
MARKING
PINNING
TYPE NUMBER
MARKING CODE
PEMZ1
FZ
PIN
DESCRIPTION
1, 4
emitter
TR1; TR2
2, 5
base
TR1; TR2
6, 3
collector
TR1; TR2
handbook, halfpage
MAM456
13
2
TR1
TR2
6
4
5
12
3
4
6
5
Top view
Fig.1 Simplified outline (SOT666) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per transistor; for the PNP transistor with negative polarity
VCBO
collector-base voltage
open emitter
−
50
V
VCEO
collector-emitter voltage
open base
−
40
V
VEBO
emitter-base voltage
open collector
−
5V
IC
collector current (DC)
−
100
mA
ICM
peak collector current
−
200
mA
IBM
peak base current
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
300
mW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com