Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMZ1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PEMZ1
Description  NPN/PNP general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMZ1 Datasheet(HTML) 3 Page - NXP Semiconductors

  PEMZ1 Datasheet HTML 1Page - NXP Semiconductors PEMZ1 Datasheet HTML 2Page - NXP Semiconductors PEMZ1 Datasheet HTML 3Page - NXP Semiconductors PEMZ1 Datasheet HTML 4Page - NXP Semiconductors PEMZ1 Datasheet HTML 5Page - NXP Semiconductors PEMZ1 Datasheet HTML 6Page - NXP Semiconductors PEMZ1 Datasheet HTML 7Page - NXP Semiconductors PEMZ1 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Nov 07
3
Philips Semiconductors
Product specification
NPN/PNP general purpose transistors
PEMZ1
THERMAL CHARACTERISTICS
Notes
1. Transistor mounted on an FR4 printed-circuit board.
2. The only recommended soldering method is reflow soldering.
CHARACTERISTICS
Tamb =25 °C; unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
notes 1 and 2
416
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per transistor; for the PNP transistor with negative polarity
ICBO
collector-base cut-off current
VCB = 30 V; IE =0
−−
100
nA
VCB = 30 V; IE = 0; Tj = 150 °C
−−
10
µA
IEBO
emitter-base cut-off current
VEB =4V; IC =0
−−
100
nA
hFE
DC current gain
VCE =6V; IC =1mA
120
−−
VCEsat
collector-emitter saturation
voltage
IC = 50 mA; IB = 5.0 mA; note 1
−−
200
mV
fT
transition frequency
IC = 2 mA; VCE = 12 V; f = 100 MHz 100
−−
MHz
Cc
collector capacitance
IE =ie = 0; VCB = 12 V; f = 1 MHz
TR1 (NPN)
−−
1.5
pF
TR2 (PNP)
−−
2.2
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com