Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFD2H1G65MSNF053 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # LFD2H1G65MSNF053
Description  DIPLEXER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

LFD2H1G65MSNF053 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  LFD2H1G65MSNF053 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd LFD2H1G65MSNF053 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd LFD2H1G65MSNF053 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
No.CF053-01 P1/3
All the technical data and information contained herein are subject to change without prior notice.
DIPLEXER
617~2690 / 3300~5950 MHz
1. Characteristics ( at -40 to +85 °C )
Part Number
LFD2H1G65MSNF053
Pass Band Range
f1
617.00 ~ 960.00 MHz
f2
1427.00 ~ 1661.00 MHz
f3
1710.00 ~ 2200.00 MHz
f4
2300.00 ~ 2690.00 MHz
f5
3300.00 ~ 3400.00 MHz
f6
3400.00 ~ 4200.00 MHz
f7
4400.00 ~ 5000.00 MHz
f8
5150.00 ~ 5950.00 MHz
Insertion Loss
(dB)
Low Band
(P2-P3)
in f1
0.25 max.(at 25 °C)
0.35 max. (at
–40 to +85 °C)
in f2
0.40 max.(at 25 °C)
0.50 max. (at
–40 to +85 °C)
in f3
0.40 max.(at 25 °C)
0.50 max. (at
–40 to +85 °C)
in f4
0.75 max.(at 25 °C)
0.90 max. (at
–40 to +85 °C)
High
Band
(P1-P3)
in f5
1.20 max.(at 25 °C)
1.30 max. (at
–40 to +85 °C)
in f6
0.90 max.(at 25 °C)
1.00 max. (at
–40 to +85 °C)
in f7
0.85 max.(at 25 °C)
0.95 max. (at
–40 to +85 °C)
in f8
0.85 max.(at 25 °C)
0.95 max. (at
–40 to +85 °C)
Attenuation
(dB)
Low Band
(P2-P3)
3300 ~ 3400 MHz
11.5 min.
3400 ~ 3800 MHz
20.0 min.
3800 ~ 4200 MHz
20.0 min.
4400 ~ 5000 MHz
21.0 min.
5150 ~ 5950 MHz
21.0 min.
High
Band
(P1-P3)
617 ~ 960 MHz
15.0 min.
1427 ~ 1661 MHz
14.0 min.
1710 ~ 2200 MHz
14.0 min.
2300 ~ 2690 MHz
13.0 min.
10300 ~ 11700 MHz
15.5 min.
15450 ~ 17550 MHz
16.0 min.


Similar Part No. - LFD2H1G65MSNF053

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFD2H1G43MSAE634 MURATA1-LFD2H1G43MSAE634 Datasheet
323Kb / 4P
DUAL Band Diplexer
More results

Similar Description - LFD2H1G65MSNF053

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX75-23 MINI-ZX75-23 Datasheet
361Kb / 3P
Diplexer
DPLX-4254A0 MINI-DPLX-4254A0 Datasheet
411Kb / 3P
Diplexer
LDP-1050-252 MINI-LDP-1050-252 Datasheet
301Kb / 2P
Diplexer
LDPG-212-322 MINI-LDPG-212-322 Datasheet
367Kb / 3P
Diplexer
DPLC-4254A0 MINI-DPLC-4254A0 Datasheet
492Kb / 3P
Diplexer
ZDPL-4254-75-F MINI-ZDPL-4254-75-F Datasheet
570Kb / 3P
Diplexer
ZDSS-3G4G MINI-ZDSS-3G4G Datasheet
645Kb / 3P
Diplexer
ZDSS-3G4G-S MINI-ZDSS-3G4G-S Datasheet
645Kb / 3P
Diplexer
DPLC-8510A01M MINI-DPLC-8510A01M Datasheet
500Kb / 4P
Diplexer
RDP-6500 MINI-RDP-6500 Datasheet
468Kb / 3P
Diplexer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com