Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFD2H1G65MSNF053 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # LFD2H1G65MSNF053
Description  DIPLEXER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

LFD2H1G65MSNF053 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  LFD2H1G65MSNF053 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd LFD2H1G65MSNF053 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd LFD2H1G65MSNF053 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
No.CF053-01 P2/3
All the technical data and information contained herein are subject to change without prior notice.
Isolation (dB) (P1-P2)
617 ~ 960 MHz
14.0 min.
1427 ~ 1661 MHz
13.0 min.
1710 ~ 2200 MHz
13.0 min.
2300 ~ 2690 MHz
12.0 min.
3300 ~ 3400 MHz
12.5 min.
3400 ~ 3800 MHz
20.0 min.
3800 ~ 4200 MHz
20.0 min.
4400 ~ 5000 MHz
21.0 min.
5150 ~ 5950 MHz
21.0 min.
VSWR
Low Band (P2)
in f1/f2/f3/f4
1.50 max
High Band (P1)
in f5/f6/f7/f8
3.01 max
Common (P3)
in f1~f4
1.68 max
in f5~f8
3.01 max
Power Capacity (W)
1.0 max.
P1 : High Band port
P2 : Low Band port
P3 : Common port
3. Land Pattern
0 .2 0
0 .4 2 5
0 .5 5
0 .7 5
1 .1 5
0 .4 5
0 .6 8 5
(in mm)
Solder resist
No pattern
Solder resist
Through Hole
0.30
Land
* Line width to be designed to match 50Ω characteristic impedance,
Depending on PCB material and thickness.
2. Construction, Dimensions & Marking
Top View>
Bottom View>
(8 )
(1 )
(2)
(3 )
(4 )
(5 )
(6 )
( 7 )
(9 )
a2
L
w
T
a1
e1
Mark
Meaning
A
Directional Input Mark
(in mm)
Mark
Dimension
Mark
Dimension
L
2.50 ± 0.10
c1
0.40 ± 0.10
W
2.00 ± 0.10
c2
0.40 ± 0.10
T
0.65 max.
e1
0.55 ± 0.15
a1
0.40 ± 0.10
e2
0.30 ± 0.10
a2
0.90 ± 0.15
TERMINAL CONFIGURATION
Terminal No.
Terminal Name
Terminal No.
Terminal Name
(1)
GND
(6)
GND
(2)
Common
(7)
Low-Band
(3)
GND
(8)
GND
(4)
GND
(9)
GND
(5)
High-Band
-
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com