Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETUSBCGY Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETUSBCGY
Description  Dual USB Charger (3.1A) Module 25 x 50mm - Grey
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETUSBCGY Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETUSBCGY Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETUSBCGY
DESCRIPTION
Dual USB Charger (3.1A) Module 25 x 50mm - Grey
NET WEIGHT (KG)
0.05
FINISH
Grey
DIMENSIONS (MM)
Height - 50
Width - 25
Depth - 36.5
MINIMUM MOUNTING BOX DEPTH
35mm
CONSTRUCTION
Construction - ABS
CLASS
II
IP RATING
IP20
INPUT VOLTAGE
230V 50Hz
TERMINAL CAPACITY
2 x 1.0mm² or 2 x 1.5mm²
NO. OF USB PORTS
2
NO. OF TYPE-A PORTS
1
NO. OF TYPE-C PORTS
1
USB CHARGING
5V DC 3.1A (shared)
WARRANTY
2year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 5733, BS EN 62368
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5056270809589
Date Created: 22/04/2024 03:51
www.mlaccessories.co.uk
NETUSBCGY
Dual USB Charger (3.1A) Module 25 x 50mm - Grey


Similar Part No. - NETUSBCGY

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETUSBCBK KNIGHTSBRIDGE-NETUSBCBK Datasheet
189Kb / 1P
Dual USB Charger (3.1A) Module 25 x 50mm - Black
22/04/2024
NETUSBCWH KNIGHTSBRIDGE-NETUSBCWH Datasheet
168Kb / 1P
Dual USB Charger (3.1A) Module 25 x 50mm - White
22/04/2024
More results

Similar Description - NETUSBCGY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14667 MAXIM-MAX14667 Datasheet
558Kb / 9P
Dual USB Charger Adapter Emulator
Rev 0; 6/13
logo
Tripp Lite. All Rights ...
U280002C12 TRIPPLITE-U280002C12 Datasheet
504Kb / 2P
Dual USB Tablet - Phone Car Charger, 5V - 3.1A
U280-002-C12 TRIPPLITE-U280-002-C12 Datasheet
516Kb / 2P
Dual USB Tablet / Phone Car Charger, 5V 3.1A / 15.5W
logo
Seaward Electronics Inc...
SE2513 SEAWARD-SE2513 Datasheet
267Kb / 8P
Dual/Single USB Charger Port Controller
logo
E-CMOS Corporation
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
Dual/Single USB Charger Port Controller
logo
SHENZHEN FUMAN ELECTRON...
9016R FUMAN-9016R Datasheet
285Kb / 5P
USB charger IC
logo
Shenzhen Huazhimei Semi...
HM2513 HMSEMI-HM2513 Datasheet
371Kb / 6P
Dual/Single USB Charger Port Controller
logo
IOGEAR
GPAC2U4 IOGEAR-GPAC2U4 Datasheet
144Kb / 3P
GearPower Dual USB 4.2A Car Charger
GPAW2U4 IOGEAR-GPAW2U4 Datasheet
136Kb / 3P
GearPower Dual USB 4.2A (20W) Wall Charger
logo
Maxim Integrated Produc...
MAX20047 MAXIM-MAX20047 Datasheet
898Kb / 29P
Dual 3A USB DCP Charger
2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com