Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4080BBCZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD4080BBCZ
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080BBCZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD4080BBCZ Datasheet HTML 39Page - Analog Devices AD4080BBCZ Datasheet HTML 40Page - Analog Devices AD4080BBCZ Datasheet HTML 41Page - Analog Devices AD4080BBCZ Datasheet HTML 42Page - Analog Devices AD4080BBCZ Datasheet HTML 43Page - Analog Devices AD4080BBCZ Datasheet HTML 44Page - Analog Devices AD4080BBCZ Datasheet HTML 45Page - Analog Devices AD4080BBCZ Datasheet HTML 46Page - Analog Devices AD4080BBCZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 95 page
background image
Data Sheet
AD4080
DIGITAL INTERFACE
analog.com
Rev. 0 | 43 of 95
Figure 71. Configuration SPI Timing, Data Read Frame, Continuous SCLK
LVDS DATA INTERFACE
LVDS Data Interface Configuration
The LVDS interface consists of up to five pairs of differential
signals. The data clock input pair (CLK+ and CLK−), echoed data
clock output pair (DCO+ and DCO−), two data output lanes (DA+
and DA− , DB+ and DB− ), and optionally, the conversion clock can
be configured as either an LVDS pair (CNV+ and CNV−) or as a
CMOS using CNV+, where for this case, CNV− is connected to
GND. This user selection is configured using the LVDS_CNV_EN
bit in the ADC Data Interface Configuration B register (see the ADC
Data Interface Configuration B Register section, Address 0x16).
The data lanes use a DDR scheme, and each scheme can support
a throughput of up to 800 (Mbps). By default, LVDS is selected as
the primary data interface for accessing conversion results.
To achieve maximum throughput, it is necessary that while a con-
version is performed the result of the previous conversion is read.
For this reason, it is critical that both the rising and falling edges
of CNV+ and CNV− are closely time aligned to the rising edge of
CLK+ and CLK−. To avoid introducing noise into the conversion
result, the CLK+ and CLK− edge placement must be aligned to
within ±535 ps (tCCA) of the interface clock (CLK±), as specified in
Table 2.
The data interface is highly configurable allowing the customization
of the output stream to meet a wide range of applications. Configu-
ration options include the number of active lanes (1, 2), self clocked
and echo clock modes, interface test functions, and data encoding.
LVDS interface mode is used in applications where continuous
conversion at rates exceeding 1 MHz is required.
Transmission of the result data occurs MSB first and is output after
the amount of time specified in detail in the ADC Result Latency
and LVDS Interface Alignment section.
LVDS Active Data Lane Count
The LVDS interface can be configured to output the result data
on either one or two data lanes, which is controlled by the
SPI_LVDS_LANES bit in the ADC Data Interface Configuration
A register (see the ADC Data Interface Configuration A Register
section, Address 0x15). By default, this bit is set to 0 (one lane
active), and setting SPI_LVDS_LANES = 1 uses two data lanes.
Note that this bit is also used to configure the number of active data
lanes for the SPI.
In single lane operation, Data Lane DA+ and Data Lane DA− is
enabled as the primary data output, and the conversion result is
shifted out serially, MSB first, using 10 interface clocks applied to
CLK+ and CLK− inputs per conversion. The result data is shifted
out of the device on each edge of the echo clock outputs, DCO+
and DCO−. The result MSB (D19) and all odd numbered data bits
are output on the falling edge of the interface clock. Conversely,
the even numbered data bits are output on the rising edge of the
interface clock.
In dual lane configuration, the result data is shifted out in parallel,
2 bits per clock edge, MSBs first. As a result, only five interface
clocks are required per conversion. As the data access period is
equivalent to the conversion period, the interface clock frequency
is reduced by a factor of two relative to the single lane case. As a
consequence of the increased interface clock period, see the ADC
Result Latency and LVDS Interface Alignment section for the timing
and latency implications on both the single lane and dual lane count
configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com