Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4080BBCZ Datasheet (PDF) - Analog Devices

AD4080BBCZ Datasheet PDF - Analog Devices
Part # AD4080BBCZ
Download  AD4080BBCZ Download
File Size   3635.52 Kbytes
Page   95 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20-Bit, 40 MSPS, Differential SAR ADC

AD4080BBCZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4080BBCZ Datasheet PDF - Analog Devices

Part # AD4080BBCZ
Download  AD4080BBCZ Click to download

File Size   3635.52 Kbytes
Page   95 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20-Bit, 40 MSPS, Differential SAR ADC

AD4080BBCZ Datasheet (HTML) - Analog Devices


AD4080BBCZ Product details

GENERAL DESCRIPTION
The AD4080 is a high-speed, low noise, low distortion, 20-bit, Easy
Drive, successive approximation register (SAR) analog-to-digital
converter (ADC). Maintaining high performance (signal-to-noise and
distortion (SINAD) ratio > 90 dBFS) at signal frequencies in excess
of 1 MHz enables the AD4080 to service a wide variety of precision,
wide bandwidth data acquisition applications. Simplification of the
input anti-alias filter design can be accomplished by applying oversampling
along with the integrated digital filtering and decimation to
reduce noise and lower the output data rate for applications that do
not require the lowest latency of the AD4080.
The AD4080 Easy Drive features reduce both signal chain complexity
and power consumption while enabling greater channel
density and flexibility in companion component selection. The product
input structure was designed to minimize any input dependent
signal currents; therefore, reducing any converter induced settling
artifacts. The continuous acquisition architecture allows settling
across the entire conversion cycle, easing ADC driver settling and
bandwidth requirements as compared to other high-speed data
converters.
The AD4080 includes several elements that simplify data converter
integration: a low drift reference buffer, low dropout (LDO) regulators
to generate ADC core and digital interface supply rails, and a
16K result data first-in first out (FIFO) that can greatly reduce the
load on the digital host. Additionally, critical supply and reference
decoupling capacitors are integrated in the package to ensure
optimum performance, simplify printed circuit board (PCB) layout,
and reduce the overall solution footprint.

FEATURES
► High performance
► Throughput: 40 MSPS, 46.25 ns conversion latency
► INL: ±4 ppm (typical), ±8 ppm (maximum)
► SNR/THD
► 93.6 dB (typical)/−110 dB (typical) at fIN = 1 kHz
► 93.5 dB (typical)/−104 dB (typical) at fIN = 1 MHz
► Noise spectral density: −167.6 dBFS/Hz
► 20-bit resolution, no missing codes
► Low power
► 79.3 mW typical at 40 MSPS with −0.5 dBFS sine-wave input
► Easy Drive, fully differential Input
► 6 V p-p differential input range
► Continuous signal acquisition
► Linearized, 5 μA/MSPS input current
► Integrated, low-drift reference buffer and decoupling
► Integrated VCM generation
► Digital features and data interface
► Conversion result FIFO, 16K sample depth
► Digital averaging filter with up to 210 decimation
► SPI configuration
► Configurable data interface
► Single lane, DDR, serial LVDS, 800 MBPS per lane
► Dual lane, DDR, serial LVDS, 400 MBPS per lane
► Single/quad lane SPI data interface
► Package
► 49-ball, 5 mm x 5 mm CSP_BGA, 0.65 mm pitch
► Integrated supply decoupling capacitors
► Operating temperature range: −40°C to +85°C

APPLICATIONS
► Digital imaging
► Cell analysis
► Spectroscopy
► Automated test equipment
► High speed data acquisition
► Digital control loops, hardware in the loop
► Power quality analysis
► Source measurement units
► Electron and x-ray microscopy
► Radar level measurement
► Nondestructive test
► Predictive maintenance and structural health




Similar Part No. - AD4080BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4080BBCZ AD-AD4080BBCZ Datasheet
3Mb / 94P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. A
AD4080BBCZ-RL AD-AD4080BBCZ-RL Datasheet
3Mb / 94P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. A
AD4080BBCZ-RL7 AD-AD4080BBCZ-RL7 Datasheet
3Mb / 94P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. A
More results


Similar Description - AD4080BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7356 AD-AD7356 Datasheet
191Kb / 18P
Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Nov-2006
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
3 MSPS, 12-Bit SAR ADC
REV. B
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
3 MSPS, 12-Bit SAR ADC
Rev. B
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
Rev. C
AD4003 AD-AD4003 Datasheet
1Mb / 34P
18-Bit, 2 MSPS Precision SAR Differential ADC
REV. 0
AD4001 AD-AD4001 Datasheet
926Kb / 34P
16-Bit, 2 MSPS, Precision SAR, Differential ADC
Rev. 0
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
3 MSPS, 12-Bit SAR ADC
12/09-Rev. A to Rev. B
AD7484 AD-AD7484_17 Datasheet
593Kb / 21P
3 MSPS, 14-Bit SAR ADC
12/09-Rev. B to Rev. C
AD4030-24 AD-AD4030-24 Datasheet
2Mb / 48P
24-Bit, 2 MSPS, SAR ADC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com