Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMFM2000 Datasheet(PDF) 13 Page - Analog Devices

Part # ADMFM2000
Description  Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMFM2000 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADMFM2000 Datasheet HTML 9Page - Analog Devices ADMFM2000 Datasheet HTML 10Page - Analog Devices ADMFM2000 Datasheet HTML 11Page - Analog Devices ADMFM2000 Datasheet HTML 12Page - Analog Devices ADMFM2000 Datasheet HTML 13Page - Analog Devices ADMFM2000 Datasheet HTML 14Page - Analog Devices ADMFM2000 Datasheet HTML 15Page - Analog Devices ADMFM2000 Datasheet HTML 16Page - Analog Devices ADMFM2000 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADMFM2000
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 28
Figure 25. Input Return Loss vs. Frequency for Various Temperatures and IF
Frequencies
Figure 26. Input Return Loss vs. Frequency for Various Supply Voltages and
IF Frequencies
Figure 27. Output Return Loss vs. IF Frequency for Various Temperatures for
a Fixed RF Input (18 GHz)
Figure 28. Output Return Loss vs. IF Frequency for Various Supply Voltages
and a Fixed RF Input (18 GHz)
Figure 29. Noise Figure vs. Frequency for Various Temperatures at an IF
Frequency = 3.0 GHz
Figure 30. Noise Figure vs. Frequency for Various Supply Voltages at an IF
Frequency = 3.0 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com