Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMFM2000 Datasheet(PDF) 21 Page - Analog Devices

Part # ADMFM2000
Description  Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMFM2000 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADMFM2000 Datasheet HTML 17Page - Analog Devices ADMFM2000 Datasheet HTML 18Page - Analog Devices ADMFM2000 Datasheet HTML 19Page - Analog Devices ADMFM2000 Datasheet HTML 20Page - Analog Devices ADMFM2000 Datasheet HTML 21Page - Analog Devices ADMFM2000 Datasheet HTML 22Page - Analog Devices ADMFM2000 Datasheet HTML 23Page - Analog Devices ADMFM2000 Datasheet HTML 24Page - Analog Devices ADMFM2000 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADMFM2000
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 28
The ADMFM2000 is a dual-channel, microwave downconverter.
Each downconversion path consists of an LNA, mixer, filter, DSA, IF
amplifier, and a single LO input that drives both mixers.
Figure 59. ADMFM2000 Simplified Block Diagram
LNA
The ADMFM2000 has a wideband LNA in each channel that oper-
ates between 5 GHz and 32 GHz. The LNAs are self-biased with
a required single 5 V supply. Inputs and outputs are internally
matched to 50 Ω and have internal DC blocking capacitors.
Each LNA also has gain control capability using the
VGG_RFAMP_1 and VGG_RFAMP_2 pins corresponding to each
channel. These pins are internally self-biased and must normally be
left open.
MIXER
The ADMFM2000 has a double-balanced mixer in each channel.
These mixers down convert the RF from 5 GHz and 32 GHz to
a corresponding IF of 0.5 GHz and 8 GHz. These mixers are
passive devices and require no external biasing components or RF
matching circuitry. The mixers in the ADMFM2000 operate well with
a LO drive level of 6 dBm at the LO input pin.
LO
A common LO input operates from 7 GHz to 30 GHz and is
split to feed separate buffer amplifiers for each channel. These
amplifiers drive separate mixers in each channel. The buffer ampli-
fiers also have gain control using the VGG_LOAMP_1 and the
VGG_LOAMP_2 pins, one for each channel. The VGG_LOAMP_x
pins are internally self-biased and must normally be left open. The
typical LO drive level at the LO input pin is 6 dBm.
SWITCH
The ADMFM2000 has a broadband SPDT RF switch in each
channel that can be used to bypass the mixer. The SPDTs require
negative control voltages at the control pins (SW_CHx_CTRL_A
and SW_CHx_CTRL_B, x = 1 or 2). Depending on the logic level
applied to those control pins, the IF path is either connected to
the mixer or to the RF_BYPASS_IN pin (see Figure 59 and Table
7). The required logic level for operating mode on Channel 2 is
opposite to the required logic level on Channel 1.
Table 7. Switch Control Truth Table for SW1_CTRL_A, SW1_CTRL_B, SW2_CTRL_A, and SW2_CLRL_B
Digital Control Inputs1
RF Paths
SWx_CTRL_A
SWx_CTRL_B
Channel 1 Status
Channel 2 Status
High
Low
Direct IF mode
Mixer mode
Low
High
Mixer mode
Direct IF mode
1 Refer to logic input in Table 1 for the logic level high and low detailed in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com