Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPA Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # BPA
Description  Pushbutton switches, optional LED, IP67
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BPA Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  BPA Datasheet HTML 1Page - Apex Electronics Co., Ltd BPA Datasheet HTML 2Page - Apex Electronics Co., Ltd BPA Datasheet HTML 3Page - Apex Electronics Co., Ltd BPA Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BPA Series
Pushbutton switches, optional LED, IP67
01
SPECIFICATIONS
CONTACT RATING: Dependent upon contact material see page 110.
MECHANICAL LIFE: 50,000 make-and-break cycles.
CONTACT RESISTANCE: 20 m max. initial @ 2-4VDC
100mA for both silver and gold plated contacts.
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @sea level.
OPERATING TEMPERATURE: -30°C to 85°C.
CAP INSTALLATION FORCE: 10 lbs,max.permissible.
MATERIALS
CASE & BUSHING : Glass filled Nylon 6/6, flame retardant, heat
stabilized (UL 94v-0).
PLUNGER: Glass filled Nylon or Glass fille polyester (UL 94v-0).
SWITCH SUPPORT: Brass or steel, tin plate.
SWITCH SUPPORT RETAINER: Stainless steel.
CONTACTS : Phosphor bronze with silver coin.
ALL TERMINALS : Brass,with silver or gold plated. (See Page 110)
TERMINAL SEAL : Epoxy.
HOW TO ORDER
BPAS7 On-Mom.
BPAD7 On-Mom.
MODEL NO.
BUSHING
RoHS
SOLDERING
TERMINATIONS
TERMINAL
PLATING
SEAL
CAPS
CAP
COLOR
Cap color
M1
M2
M5
M6
M6N
M7
VS2
V2N
VS3
VS4
VS5
Solder Lug
PC thru-hole
Wire wrap
Right angle, PC thru-hole
Right angle, snap-in, PC thru-hole
Vertical right angle, PC thru-hole
11.68 high, V-bracket
11.68 high, snap-in V-bracket
16.00 high, V-bracket
11.68 high, V-bracket
16.00 high, V-bracket
Terminations
Q Gold flash over silver
R Gold
C Gold over silver
E EPOXY (std)
Seal
C1
C2
C3
C4
Caps
ACTUATOR
Model NO.
B10
B40
8.80 high
6.10 high
Bushing
1
2
3
4
5
6
7
8
9
Red
White
Black (Std)
Orange
Green
Brown
Blue
Yellow
COLOR
Gray
ITEM NO
See below
E
RoHS Compliant
RoHS & Lead Free
S
(See Page 106)
RoHS soldering
Terminal plating
P1B40
P2B10
7.11 high (std)
7.11 high (std)
Actuator
*
Besides standard color,
other colors need to check
stocks available.


Similar Part No. - BPA

ManufacturerPart #DatasheetDescription
logo
C&K Components
BPA CK-COMPONENTS-BPA Datasheet
168Kb / 3P
Side Actuated DIP Switches
logo
Illinois Capacitor, Inc...
BPA ILLINOISCAPACITOR-BPA Datasheet
212Kb / 2P
Small size ??Non/ Bi-Polar
logo
C&K Components
BPA CK-COMPONENTS-BPA Datasheet
233Kb / 3P
Side Actuated DIP Switches
2019
logo
Bud Industries, Inc.
BPA-1502 BUD-BPA-1502 Datasheet
56Kb / 1P
CHASSIS BOTTOM PLASTES
BPA-1504 BUD-BPA-1504 Datasheet
56Kb / 1P
CHASSIS BOTTOM PLASTES
More results

Similar Description - BPA

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
Momentary Pushbutton Switches with LED
PB72 GREATECS-PB72 Datasheet
391Kb / 5P
Illuminated Pushbutton Switches IP40/IP65/IP67
logo
E-SWITCH
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com