Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPA Datasheet(PDF) 4 Page - Apex Electronics Co., Ltd

Part # BPA
Description  Pushbutton switches, optional LED, IP67
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BPA Datasheet(HTML) 4 Page - Apex Electronics Co., Ltd

  BPA Datasheet HTML 1Page - Apex Electronics Co., Ltd BPA Datasheet HTML 2Page - Apex Electronics Co., Ltd BPA Datasheet HTML 3Page - Apex Electronics Co., Ltd BPA Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BPA Series
Pushbutton switches, optional LED, IP67
04
Part No. Shown : BPAS7P1B40VS2RE
Part No. Shown : BPAD7P1B40VS2RE
SPDT
VS2 - VS3
DPDT
VS2 - VS3
P.C. MOUNTING
P.C. MOUNTING
MANUAL SOLDERING: Use soldering iron of 30 watts, controlled at 350°C
approximately 5 seconds while applying solder.
WAVE SOLDERING: Recommended Soldering Temperature: 270 ± 5°C
Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness)
0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC )
3 Amps with resistant load @ 120VAC or 28VDC
1 Amps with resistant load @ 250VAC
Q
C
R
CONTACT PLATING
Silver
Gold over Silver
Gold
RATINGS
Q = Gold flash over silver
C = Gold over silver
R = Gold
TERMINAL PLATING
CONTACT MATERIAL OPTIONS
SOLDERING PROCESSES
DIM. 'A'
CODE
VS3
16.00
VS2
11.68
.630
.460
OPTION
DIM. 'A'
CODE
VS3
16.00
VS2
11.68
.630
.460
OPTION
.125
3.18
Ø
.073
Ø
1.85
.620
15.75
.185
4.70
.185
4.70
.125
3.18
.190
4.83
.620
15.75
3
2
1
6
5
4
3
2
1
.030
0.76
.620
15.75
EPOXY
SEAL
.185
4.70
.020
0.51
EPOXY
SEAL
.060
1.52
.185
4.70
Dim'A'
.125
3.18
.048
1.22
.320
8.13
.230
5.84
.279
7.11
.020
0.51
.185
4.70
.620
15.75
.030
0.76
Dim 'A'
.125
3.18
.185
4.70
.048
1.22
.060
1.52
.279
7.11
.230
5.84
.320
8.13
.450
11.43
Ø
.073
Ø
1.85
1
2
3
4
5
6
SNAP-IN TERMINATION OPTIONS
M6N
V2N



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com