Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRA Datasheet(PDF) 8 Page - Apex Electronics Co., Ltd

Part # BRA
Description  Rocker Switch, multiple contact arrangement
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BRA Datasheet(HTML) 8 Page - Apex Electronics Co., Ltd

  BRA Datasheet HTML 1Page - Apex Electronics Co., Ltd BRA Datasheet HTML 2Page - Apex Electronics Co., Ltd BRA Datasheet HTML 3Page - Apex Electronics Co., Ltd BRA Datasheet HTML 4Page - Apex Electronics Co., Ltd BRA Datasheet HTML 5Page - Apex Electronics Co., Ltd BRA Datasheet HTML 6Page - Apex Electronics Co., Ltd BRA Datasheet HTML 7Page - Apex Electronics Co., Ltd BRA Datasheet HTML 8Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BRA Series
Rocker Switch, multiple contact arrangement
08
MANUAL SOLDERING: Use soldering iron of 30 watts, controlled at 350°C
approximately 5 seconds while applying solder.
WAVE SOLDERING: Recommended Soldering Temperature: 270 ± 5°C
Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness)
0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC )
5 Amps with resistant load @ 120VAC or 28VDC
2 Amps with resistant load @ 250VAC
Q
C
R
CONTACT PLATING
Silver
Gold over Silver
Gold
RATINGS
Q = Gold flash over silver
C = Gold over silver
R = Gold
TERMINAL PLATING
SNAP-IN TERMINATION OPTIONS
CONTACT MATERIAL OPTIONS
VS2 - VS3
P.C. MOUNTING
DIM. 'A'
CODE
VS3
16.00
VS2
11.68
.630
.460
OPTION
.125
3.18
.185
4.70
.190
4.83
.052
1.32
.650
16.35
.125
3.18
.030
0.76
.020
0.51
.185
4.70
.620
15.75
7
8
9
.170
4.32
.620
15.75
.190
4.83
EPOXY
SEAL
Ø
.073
Ø
1.85
.185
4.70
3
2
1
6
5
4
9
8
7
Dim 'A'
Part No. Shown : BRA31J102VS2RE
SECTION A-A
3PDT
SOLDERING PROCESSES
M6N
V2N
A
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com