Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRA Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # BRA
Description  Rocker Switch, multiple contact arrangement
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BRA Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  BRA Datasheet HTML 1Page - Apex Electronics Co., Ltd BRA Datasheet HTML 2Page - Apex Electronics Co., Ltd BRA Datasheet HTML 3Page - Apex Electronics Co., Ltd BRA Datasheet HTML 4Page - Apex Electronics Co., Ltd BRA Datasheet HTML 5Page - Apex Electronics Co., Ltd BRA Datasheet HTML 6Page - Apex Electronics Co., Ltd BRA Datasheet HTML 7Page - Apex Electronics Co., Ltd BRA Datasheet HTML 8Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BRA Series
Rocker Switch, multiple contact arrangement
01
SPECIFICATIONS
CONTACT RATING: Dependent upon contact material See Page 8.
MECHANICAL LIFE: 30,000 make-and-break cycles.
CONTACT RESISTANCE: 10 m max. initial @ 2-4VDC
100mA for both silver and gold plated contacts.
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,000 Vrms min.@sea level.
OPERATING TEMPERATURE: -30°C to 85°C.
MATERIALS
CASE & BUSHING : Glass filled nylon 6/6,flame retardant,
heat stabilized (UL94V-0).
ACTUATOR: Nylon,black std.Internal O-ring seal standard
with all actuactors.
SWITCH SUPPORT: Brass or steel,tin plated.
ACTUATOR PIVOT & MOUNTING BRACKET: Nylon.
ACTUATOR PIVOT RETAINER: Stainless steel.
TERMINAL/CONTACT: Silver or gold plated copper alloy.
(See Page 8)
HOW TO ORDER
R1
R2
R11
R12
R13
R16
RB
P.C. Mount only
J1
J2
J3
J4
J5
J6
J7
J8
JB
13.49 long rocker - support
Lever - support
9.19 long rocker - support
Lever - support
Lever - support
Lever - support
17.75 long rocker - support
13.49 long rocker
Lever
23.01 long rocker
Lever
9.19 long rocker
Lever
Lever
Lever
17.75 long rocker
BRAS1 SP On-None-On
BRAS2 SP On-None-Mom.
BRAS3 SP On-Off-On
BRAS4 SP Mom.-Off-Mom.
BRAS5 SP On-Off-Mom.
BRAD1 DP On-None-On
BRAD2 DP On-None-Mom.
BRAD3 DP On-Off -On
BRAD4 DP Mom.-Off-Mom.
BRAD5 DP On-Off-Mom.
BRAD6 DP On-On-On
BRAD7 DP Mom.-On-Mom.
BRAD8 DP On-On-Mom.
BRA31 3P On-None-On
BRA32 3P On-None-Mom.
BRA33 3P On-Off-On
BRA34 3P Mom.-Off-Mom.
BRA35 3P On-Off-Mom.
MODEL NO.
ACTUATOR
RoHS
SOLDERING
TERMINATIONS TERMINAL
PLATING
SEAL
E EPOXY (std)
M1
M2
M51
M52
M53
M54
M6
M6N
M7
VS2
V2N
VS3
Solder Lug
PC thru-hole
18.70 high, wire wrap
24.20 high, wire wrap
10.55 high, wire wrap
26.97 high, wire wrap
Right angle, PC thru-hole
Right angle, snap-in, PC thru-hole
Vertical right angle, PC thru-hole
11.68 high, V-bracket
11.68 high, snap-in V-bracket
16.00 high, V-bracket
Terminations
Q Gold flash over silver
R Gold
C Gold over silver
Seal
Model NO.
Actuator
Actuator marking
ACTUATOR
MARKING
J
5
7
L
8
6
2
1
1
2
3
4
5
6
7
8
9
Red
White
Black (Std)
Orange
Green
Brown
Blue
Yellow
COLOR
Gray
ITEM NO
Actuator Color
ACTUATOR
COLOR
E
RoHS Compliant
RoHS & Lead Free
S
RoHS soldering
Terminal plating
*
Besides standard color,
other colors need to check stocks available.


Similar Part No. - BRA

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
BRA-2156 MOLEX4-BRA-2156 Datasheet
93Kb / 3P
InsulKrimp??Snap Plug Receptacle, for 18-22 AWG Wire, PVC, Fits Male PlugDiameter 3.96mm (.156")
BRA-2156N MOLEX4-BRA-2156N Datasheet
93Kb / 3P
InsulKrimp??Snap Plug Receptacle for 18-22 AWG Wire, Nylon, Fits Male PlugDiameter 3.96mm (.156")
BRA-2180N MOLEX4-BRA-2180N Datasheet
93Kb / 3P
InsulKrimp??Snap Plug Receptacle for 18-22 AWG Wire, Nylon, Fits Male PlugDiameter 4.57mm (.180")
BRA-8156 MOLEX4-BRA-8156 Datasheet
120Kb / 3P
Avikrimp??Snap Plug Receptacle for 18-22 AWG Wire, PVC, Fits Male Plug Diameter3.96mm (.156")
BRA-8156N MOLEX4-BRA-8156N Datasheet
120Kb / 3P
Avikrimp??Snap Plug Receptacle for 18-22 AWG Wire, Nylon, Fits Male Plug Diameter3.96mm (.156")
More results

Similar Description - BRA

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
ROCKER SWITCH
GRB263A101RN1D CWIND-GRB263A101RN1D Datasheet
728Kb / 1P
ROCKER SWITCH
GRB263D001NNN CWIND-GRB263D001NNN Datasheet
691Kb / 1P
ROCKER SWITCH
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
ROCKER SWITCH
logo
C&K Components
SR3 CK-COMPONENTS-SR3 Datasheet
137Kb / 2P
Switch Rocker
logo
TE Connectivity Ltd
KUP93 TEC-KUP93 Datasheet
145Kb / 2P
Contact arrangement to 3PDT
logo
ZF Friedrichshafen AG
WRG32F2FBBRLN ZFSWITCHES-WRG32F2FBBRLN Datasheet
281Kb / 2P
Rocker Switch
logo
Nihon Kaiheiki Industry...
GW-12LRH NKK-GW-12LRH Datasheet
3Mb / 10P
rocker switch
logo
Panasonic Semiconductor
HE-R PANASONIC-HE-R Datasheet
589Kb / 4P
Contact arrangement of 4a or 4a1b
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com