Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTF Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # BTF
Description  Toggle switch, multiple circuitry, termination, and caps
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BTF Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  BTF Datasheet HTML 1Page - Apex Electronics Co., Ltd BTF Datasheet HTML 2Page - Apex Electronics Co., Ltd BTF Datasheet HTML 3Page - Apex Electronics Co., Ltd BTF Datasheet HTML 4Page - Apex Electronics Co., Ltd BTF Datasheet HTML 5Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BTF Series
Toggle switch, multiple circuitry, termination, and caps
01
SPECIFICATIONS
CONTACT RATING: AC 125V 6A, AC 250V 3A ,DC 30V 3A
MECHANICAL LIFE: 100,000 make-and-break cycles
DC 10V & 0.1mA.
CONTACT RESISTANCE:
INSULATION RESISTANCE:
DIELECTRIC STRENGTH: 1,000 Vrms min.@sea level.
OPERATING TEMPERATURE: -30°C to 85°C.
WATER-RESISTANCE: 100 make-and-break cycles min at 10 cm
depth for T12 actuator.
MATERIALS
CASE: Diallyl phthalate (DAP) (UL94v-0).
ACTUATOR: Brass,chrome plated.
BUSHING: Brass,nickel plated.
HOUSING: Stainless Steel.
SWITCH SUPPORT: Brass,tin plated.
TERMINAL/CONTACT: Brass,with silver or gold plated.(See Page 23)
BUSHING
MODEL NO.
ACTUATOR
RoHS
SOLDERING
TERMINATIONS
TERMINAL
PLATING
SEAL
T1
10.5 high
T2
5.4 high
T3
14.2 high
T4
16.4 high
T5
21.4 high
T6
11.5 high
T61 21.5 high
T12 11.2 high
Model NO.
BTFS1 SP On-None-On
BTFS2 SP On-None-Mom.
BTFS3 SP On- Off -On
BTFS4 SP Mom.-Off-Mom.
BTFS5 SP On- Off -Mom.
BTFD1 DP On-None-On
BTFD2 DP On-None-Mom.
BTFD3 DP On- Off -On
BTFD4 DP Mom.-Off-Mom.
BTFD5 DP On- Off -Mom.
Actuator
E EPOXY (std)
N NO EPOXY
M1
M2
Solder Lug
PC thru-hole
Terminations
RoHS soldering
Terminal
plating
Q Silver
R Gold
C Gold over silver
Seal
8.00 high
9.00 high
7.52 high
Bushing
B6
BA1
B9
RoHS Compliant
RoHS & Lead Free
S
HOW TO ORDER


Similar Part No. - BTF

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTF-08BLCS-B5-P DBLECTRO-BTF-08BLCS-B5-P Datasheet
121Kb / 2P
SUPER FLUX LED
BTF-08BLCS-B5-Q DBLECTRO-BTF-08BLCS-B5-Q Datasheet
121Kb / 2P
SUPER FLUX LED
BTF-08BLCS-B5-R DBLECTRO-BTF-08BLCS-B5-R Datasheet
121Kb / 2P
SUPER FLUX LED
BTF-08BLCS-B6-P DBLECTRO-BTF-08BLCS-B6-P Datasheet
121Kb / 2P
SUPER FLUX LED
BTF-08BLCS-B6-Q DBLECTRO-BTF-08BLCS-B6-Q Datasheet
121Kb / 2P
SUPER FLUX LED
More results

Similar Description - BTF

ManufacturerPart #DatasheetDescription
logo
CW Industries
GTS448E101AHR CWIND-GTS448E101AHR Datasheet
965Kb / 1P
TOGGLE SWITCH
GTS448F301AHR CWIND-GTS448F301AHR Datasheet
1Mb / 1P
TOGGLE SWITCH
GTS448K101AHR CWIND-GTS448K101AHR Datasheet
987Kb / 1P
TOGGLE SWITCH
logo
Tyco Electronics
4-1437558-8 MACOM-4-1437558-8 Datasheet
487Kb / 3P
TOGGLE SWITCH
logo
Honeywell Solid State E...
2NT1-72 HONEYWELL-2NT1-72 Datasheet
131Kb / 1P
SWITCH - TOGGLE
31NT91-3 HONEYWELL-31NT91-3 Datasheet
118Kb / 1P
SWITCH - TOGGLE
logo
Honeywell Accelerometer...
2TL1-7 HONEYWELL-ACC-2TL1-7 Datasheet
176Kb / 1P
SWITCH - TOGGLE
2TL1-2 HONEYWELL-ACC-2TL1-2 Datasheet
195Kb / 2P
SWITCH - TOGGLE
2TL1-3D HONEYWELL-ACC-2TL1-3D Datasheet
228Kb / 1P
SWITCH - TOGGLE
logo
List of Unclassifed Man...
14TL1-1A ETC2-14TL1-1A Datasheet
128Kb / 1P
SWITCH-TOGGLE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com